Electronic Components Datasheet Search
  English  ▼

X  

NJ28 Datasheet(PDF) 2 Page - AVX Corporation

Part # NJ28
Description  Commercial, Industrial and Automotive Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NJ28 Datasheet(HTML) 2 Page - AVX Corporation

  NJ28 Datasheet HTML 1Page - AVX Corporation NJ28 Datasheet HTML 2Page - AVX Corporation NJ28 Datasheet HTML 3Page - AVX Corporation NJ28 Datasheet HTML 4Page - AVX Corporation NJ28 Datasheet HTML 5Page - AVX Corporation NJ28 Datasheet HTML 6Page - AVX Corporation NJ28 Datasheet HTML 7Page - AVX Corporation NJ28 Datasheet HTML 8Page - AVX Corporation NJ28 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
010617
TABLE OF VALUES
Types
Rn at 25°C (Ω)
Material Code
B (K)
at 25°C (%/°C)
N_ _ _ KA 0202
2,000
KA
3625 ± 1%
– 4.1
N_ _ _ MA 0302
3,000
MA
3965 ± 0.5%
– 4.5
N_ _ _ MA 0502
5,000
MA
3965 ± 0.5%
– 4.5
N_ _ _ MA 0103
10,000
MA
3965 ± 0.5%
– 4.5
N_ _ _ NA 0103
10,000
NA
4100 ± 1%
– 4.6
N_ _ _ PA 0203
20,000
PA
4235 ± 1%
– 4.8
N_ _ _ QA 0503
50,000
QA
4250 ± 1%
– 4.8
N_ _ _ RA 0104
100,000
RA
4380 ± 1%
– 4.9
* – = Add type as outlined above (Example NJ 2 8).
Resistance - Temperature characteristics: pages 30 to 34.
NTC Accurate Thermistors
NP30 - NJ 28 – NI 24 – NK 20
HOW TO ORDER
NJ28
Type
NP30
NJ28
NI24
MA
Material Code
MA
(See table above)
0502
Resistance
5 kΩ
(See table above)
M
Tolerance
F (±1%)
G (±2%)
H (±3%)
- -
Packaging
– –: Bulk
Ammopack (for NP30 and NJ28)
(See table page 25)
Tape and reel (for NP30 and NJ28)
(See table page 25)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com