Electronic Components Datasheet Search
  English  ▼

X  

NJ28 Datasheet(PDF) 1 Page - AVX Corporation

Part # NJ28
Description  Commercial, Industrial and Automotive Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NJ28 Datasheet(HTML) 1 Page - AVX Corporation

  NJ28 Datasheet HTML 1Page - AVX Corporation NJ28 Datasheet HTML 2Page - AVX Corporation NJ28 Datasheet HTML 3Page - AVX Corporation NJ28 Datasheet HTML 4Page - AVX Corporation NJ28 Datasheet HTML 5Page - AVX Corporation NJ28 Datasheet HTML 6Page - AVX Corporation NJ28 Datasheet HTML 7Page - AVX Corporation NJ28 Datasheet HTML 8Page - AVX Corporation NJ28 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
010617
High precision resistance and an outstanding ability to
reproduce the sensibility index B, make these ranges of
products the types of thermistors ideal for temperature
measurement applications.
Leaded or unleaded, these small size and rapid response
time thermistors are able to meet the most accurate
requirements.
Types
NJ 28
NP 30
NI 24
NK 20
Finish
Coated chip with phenolic
Coated chip with epoxy
Chip
resin + varnish
Coated chip with epoxy
AWG30 insulated leads
+ tinned copper wires
+ Silver plated nickel wires
Marking
On packaging only
Operating temperature
-55°C to +150°C
Tolerance on Rn (25°C)
±1%, ±2%, ±3%
Maximum dissipation at 25°C
0.16 W
Thermal dissipation factor*
3 mW/°C
3 mW/°C
2 mW/°C
Thermal time constant
8 s
8 s
6 s
Response time
< 2 s
NTC Accurate Thermistors
NP30 - NJ 28 – NI 24 – NK 20
2.8 (.110) max 2.8 (.110) max
0.4 (.016)
+10 %
- 15%
2.4 (.094) max
2.4 (.094) max
0.57 (.022)
+7%
-7%
3.0 (.118) max
3.0 (.118) max
0.4 (.016)
+10%
-15%
1.75 (.069)
± 0.25 (0.10)
DIMENSIONS:
millimeters (inches)
FEATURES
• High Accuracy
• Fast thermal response
• Commercial, Industrial and Automotive Applications
• AEC-Q200 qualified
OPTIONS
Consult factory for availability of options
• other nominal resistance values
• other tolerances
• controlled dimensions (e.g. reduced head size for NP30)
• alternative lead materials (e.g. steel, nickel)
• customized lead lengths, spacing, forming (kink) etc.
• epoxy coating on leads (NP30)
APPLICATIONS
• Temperature measurement
• Liquid level or flow detection
• Alarms and fire detectors
• HVAC and Refrigeration
• Fans
• Air intake temperature
• Electric pup module
• Water Temperature
• Evaporator probe
• and more


Similar Part No. - NJ28

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
NJ28C11192 WINCHESTER-NJ28C11192 Datasheet
328Kb / 3P
EDGECARD, CONTINUOUS CARD COLLECTOR
NJ28C11195 WINCHESTER-NJ28C11195 Datasheet
328Kb / 3P
EDGECARD, CONTINUOUS CARD COLLECTOR
NJ28C11792 WINCHESTER-NJ28C11792 Datasheet
328Kb / 3P
EDGECARD, CONTINUOUS CARD COLLECTOR
NJ28C12192 WINCHESTER-NJ28C12192 Datasheet
328Kb / 3P
EDGECARD, CONTINUOUS CARD COLLECTOR
NJ28C12195 WINCHESTER-NJ28C12195 Datasheet
328Kb / 3P
EDGECARD, CONTINUOUS CARD COLLECTOR
More results

Similar Description - NJ28

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMF05S82K-F ETC2-WMF05S82K-F Datasheet
185Kb / 2P
Commercial, Industrial Applications
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
Economically priced for commercial and industrial applications
logo
Sumida Corporation
CBM5D33 SUMIDA-CBM5D33_16 Datasheet
238Kb / 2P
Automotive and Industrial Applications
logo
Nanya Technology Corpor...
NT5CB256M8FN NANYA-NT5CB256M8FN Datasheet
6Mb / 163P
Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
NT5CB128M8FN NANYA-NT5CB128M8FN Datasheet
7Mb / 165P
Commercial, Industrial and Automotive DDR3(L) 1Gb SDRAM
NT5CB256M8IN NANYA-NT5CB256M8IN Datasheet
4Mb / 162P
Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
NT5CB512M8CN NANYA-NT5CB512M8CN Datasheet
7Mb / 164P
Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8DN NANYA-NT5CB512M8DN Datasheet
4Mb / 163P
Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5TU32M16EG NANYA-NT5TU32M16EG Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU128M8HE NANYA-NT5TU128M8HE Datasheet
4Mb / 102P
Commercial, Industrial and Automotive DDR2 1Gb SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com