Electronic Components Datasheet Search
  English  ▼

X  

FH12 Datasheet(PDF) 13 Page - Hirose Electric

Part # FH12
Description  0.5mm and 1mm Pitch Connectors For FPC/FFC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH12 Datasheet(HTML) 13 Page - Hirose Electric

Back Button FH12 Datasheet HTML 9Page - Hirose Electric FH12 Datasheet HTML 10Page - Hirose Electric FH12 Datasheet HTML 11Page - Hirose Electric FH12 Datasheet HTML 12Page - Hirose Electric FH12 Datasheet HTML 13Page - Hirose Electric FH12 Datasheet HTML 14Page - Hirose Electric FH12 Datasheet HTML 15Page - Hirose Electric FH12 Datasheet HTML 16Page - Hirose Electric FH12 Datasheet HTML 17Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
18
Note 1: Products are packaged in embossed tape. (2,000 pcs. per reel)
Please order in multiples of 2,000.
Note 2: The 1mm version of FH12 is constructed by loading every other contact into the 0.5mm housing.
When a housing designed for an odd number of 0.5mm pitch contacts is used; the spacing from the
edge to the first contact on either side is the same as the distance between each contact, 1.0mm.
Hirose considers this design to be a standard-type 1.0mm connector.
Note 2: An eccentric-type connector using a housing designed for an even number of 0.5mm pitch contacts
and consequently one side has 1.5mm distance from the edge to the first contact. (See FPC/FFC
dimensional drawing on page 19) The part number for the eccentric type describes the size of the
0.5mm housing used and lists the number of 1.0mm pitch contacts in parentheses () as shown in the
above table.
D
E
Unit:mm
CL No.
Part Number
586-0591-6
586-0607-4
586-0535-5
586-0579-0
586-0540-5
586-0668-9
586-0536-8
586-0547-4
586-0592-9
586-0537-0
586-0538-3
586-0539-6
586-0541-8
586-0542-0
586-0543-3
586-0546-1
586-0548-7
FH12-05S-1SH
FH12-06S-1SH
FH12-07S-1SH
FH12-08S-1SH
FH12-09S-1SH
FH12-11S-1SH
FH12-16S-1SH
FH12-22S-1SH
FH12-26S-1SH
FH12-10(4)SA-1SH
FH12-14(6)SA-1SH
FH12-18(8)SA-1SH
FH12-22(10)SA-1SH
FH12-24(11)SA-1SH
FH12-30(14)SA-1SH
FH12-40(19)SA-1SH
FH12-50(24)SA-1SH
Number of Contacts
5
6
7
8
9
11
16
22
26
4
6
8
10
11
14
19
24
A
B
04
05
06
07
08
10
15
21
25
03
05
07
09
10
13
18
23
08.6
09.6
10.6
11.6
12.6
14.6
19.6
25.6
29.6
08.1
10.1
12.1
14.1
15.1
18.1
23.1
28.1
C
09.6
10.6
11.6
12.6
13.6
15.6
20.6
26.6
30.6
09.1
11.1
13.1
15.1
16.1
19.1
24.1
29.1
06.07
07.07
08.07
09.07
10.07
12.07
17.07
23.07
27.07
05.57
07.57
09.57
11.57
12.57
15.57
20.57
25.57
2.3
2.3
2.3
2.3
2.3
2.3
2.3
2.3
2.3
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
s1mm Pitch Type Bottom Contact Type
(0.2)
(2.1)
(3.1)
(1.3)
2.3
E
FPC/FFC Contact Surface
D
1.0
A
B
C
5.6
4.6
Mated Cross-sectional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com