Electronic Components Datasheet Search
  English  ▼

X  

FH12 Datasheet(PDF) 3 Page - Hirose Electric

Part # FH12
Description  0.5mm and 1mm Pitch Connectors For FPC/FFC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH12 Datasheet(HTML) 3 Page - Hirose Electric

  FH12 Datasheet HTML 1Page - Hirose Electric FH12 Datasheet HTML 2Page - Hirose Electric FH12 Datasheet HTML 3Page - Hirose Electric FH12 Datasheet HTML 4Page - Hirose Electric FH12 Datasheet HTML 5Page - Hirose Electric FH12 Datasheet HTML 6Page - Hirose Electric FH12 Datasheet HTML 7Page - Hirose Electric FH12 Datasheet HTML 8Page - Hirose Electric FH12 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
8
BSeries Configuration
FH12- ** S-0.5SH
Number of contacts 6, 10, 11, 12, 13, 14,
15, 16, 17, 18, 19, 20,
22, 24, 25, 26, 28, 30,
32, 33, 34, 36, 40, 45,
50, 53
FH12F- ** S-0.5SH
Number of contacts 6, 10, 12, 13, 14, 15, 16,
18, 20, 22, 24, 26, 28,
30, 32, (33), 34, 36, 40
FH12S- ** S-0.5SH
Number of contacts 30, 40, 45, 50, 53
Standard
FH12- ** S-1SH
Eccentric
FH12- ** (**) S-1SH
Standard
Number of contacts
5, 6, 7, 8, 9, 11,
16, 22, 26
Eccentric
Number of contacts
4, 6, 8, 10, 11,
14, 19, 24
FH12- ** S-1SV
Number of contacts
6, 7, 8, 16, 20, 22,
24
Pitch
0.5mm
1mm
Bottom Contact Type
Type with Strengthened Lock Lever
Type with 0.18mm FPC End Thickness
Top Contact Type
Vertical mounting Type
P.13
P.12
P.14
P.18
P.19
FH12- ** S-0.5SV
Number of contacts 10, 12, 13, 15, 16, 17,
18, 20, 22, 24, 26, 30,
32, 33, 34, 36, 40, 45,
49, 50
P.16
FH12A- ** S-0.5SH
Number of contacts 10, 12 ,15, 16, 18, 20,
22, 24, 26, 28, 29, 30,
32, 33, 34, 36, 40, 42,
45, 50
P.15
FPC conductive
surface
FPC conductive surface
(bottom side)
FPC conductive surface
(bottom side)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com