Electronic Components Datasheet Search
  English  ▼

X  

FH18 Datasheet(PDF) 2 Page - Hirose Electric

Part # FH18
Description  Low Profile 0.3mm Pitch Connectors For FPC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH18 Datasheet(HTML) 2 Page - Hirose Electric

  FH18 Datasheet HTML 1Page - Hirose Electric FH18 Datasheet HTML 2Page - Hirose Electric FH18 Datasheet HTML 3Page - Hirose Electric FH18 Datasheet HTML 4Page - Hirose Electric FH18 Datasheet HTML 5Page - Hirose Electric FH18 Datasheet HTML 6Page - Hirose Electric FH18 Datasheet HTML 7Page - Hirose Electric FH18 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
48
sProduct Specifications
sMaterial
Rating
Current rating 0.15A
Voltage rating 30V AC
Remarks
UL 94V-0
————
————
Part
Material
Finish
Insulator
Contact
Metal fitting
LCP
Phosphor bronze
Bronze
Color : Beige
Color : Black
Solder plating
Solder plating
Applicable FPC
t=0.2±0.03
Solder plating (Note 4)
sOrdering Information
FH18
- 27S - 0.3 SHW (05)
1
2
3
4
5
Series name
FH18
Number of contacts
17, 21, 25, 27, 39, 45, 51
Contact pitch
0.3mm
Contact style
SHW : SMT horizontal mounting type
Plating specifications No symbol : Solder plating
(05) : Gold plating
1
2
3
4
5
Storage temperature range
-10ç to +50ç (Note 2)
Storage humidity range
Relative humidity 90% max.
(without condensation)
Operating temperature range
-40ç to +85ç (Note 1)
Operating humidity range
Relative humidity 90% max.
(without condensation)
100V DC
90V AC/1 minute
10 cycles
1mA
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm,
2 hours in each of the 3 directions.
Acceleration of 490 m/s2, 11 ms duration,
sine half-wave waveform, 3 cycles in each of the 3 axis.
96 hours at temperature of 40ç and humidity of 90% to 95%
5 cycles under conditions as follows; Temperature:
-40ç / 15 to 35ç / 85ç / 15 to 35ç,
Time: 30 / 5max. / 30 / 5 max.(minutes)
Reflow: At the recommended temperature profile
Manual soldering: 350±5ç for 3 seconds
Item
1.Insulation resistance
2.Withstanding voltage
4.Durability
(Insertion/withdrawal)
3.Contact resistance
5.Vibration
6.Shock
7.Humidity
(Steady state)
8.Temperature cycle
9.Resistance to
soldering heat
Specification
50M ohms minimum
No flashover or insulation breakdown.
100m ohms maximum
Contact resistance : 100m ohms maximum
No damage, cracks, or parts dislocation.
No electrical discontinuity of 1µs or more
Contact resistance: 100m ohms maximum
No damage, cracks, or parts dislocation.
No electrical discontinuity of 1µs or more
Contact resistance: 100m ohms maximum
No damage, cracks, or parts dislocation.
Contact resistance: 100m ohms maximum
Insulation resistance: 50M ohms maximum
No damage, cracks, or parts dislocation.
Contact resistance: 100m ohms maximum.
Insulation resistance: 50M ohms maximum.
No damage, cracks, or parts dislocation.
No deformation of components affecting performance.
Conditions
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers nonconducting condition of installed connectors in storage, shipment or during transportation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com