Electronic Components Datasheet Search
  English  ▼

X  

FH18 Datasheet(PDF) 3 Page - Hirose Electric

Part # FH18
Description  Low Profile 0.3mm Pitch Connectors For FPC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH18 Datasheet(HTML) 3 Page - Hirose Electric

  FH18 Datasheet HTML 1Page - Hirose Electric FH18 Datasheet HTML 2Page - Hirose Electric FH18 Datasheet HTML 3Page - Hirose Electric FH18 Datasheet HTML 4Page - Hirose Electric FH18 Datasheet HTML 5Page - Hirose Electric FH18 Datasheet HTML 6Page - Hirose Electric FH18 Datasheet HTML 7Page - Hirose Electric FH18 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
49
BConnector Operating instruction
Operating Instruction
1. FPC (Flat Printed Circuit) Insertion
1
1
2
FPC conductor
surface
3
B. Insert the FPC in the slot.
Assure that it is fully and straight inserted, with
conductive surface facing down.
Slight friction of the LIF contacts will be felt and the
FPC will remain inserted.
C. Push the lever down to a fully closed position.
A. Lift the lever up to a 90° angle.
B. Slide out the FPC untill completely free.
A. Lift up carefully the lever to 90° max. angle.
Do not forcefully exceed the 90° angle, as this may
cause damage to connectoror the solder joints.
2. FPC removal



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com