Electronic Components Datasheet Search
  English  ▼

X  

8545 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 8545
Description  LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8545 Datasheet(HTML) 2 Page - Integrated Device Technology

  8545 Datasheet HTML 1Page - Integrated Device Technology 8545 Datasheet HTML 2Page - Integrated Device Technology 8545 Datasheet HTML 3Page - Integrated Device Technology 8545 Datasheet HTML 4Page - Integrated Device Technology 8545 Datasheet HTML 5Page - Integrated Device Technology 8545 Datasheet HTML 6Page - Integrated Device Technology 8545 Datasheet HTML 7Page - Integrated Device Technology 8545 Datasheet HTML 8Page - Integrated Device Technology 8545 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
2016© Integrated Device Technology, Inc.
Revision E, January 5, 2016
8545 Datasheet
Pin Description and Pin Characteristics Tables
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 9, 13
GND
Power
Power supply ground.
2
CLK_EN
Input
Pullup
Synchronizing clock enable. When HIGH, clock outputs follows clock input. When
LOW, Q outputs are forced low, Q outputs are forced high.
LVCMOS / LVTTL interface levels.
3
CLK_SEL
Input
Pulldown
Clock select input. When HIGH, selects CLK2 input.
When LOW, selects CLK1 input. LVCMOS / LVTTL interface levels.
4
CLK1
Input
Pulldown
Single-ended clock input. LVCMOS/LVTTL interface levels.
5, 7
nc
Unused
No connect.
6
CLK2
Input
Pulldown
Single-ended clock input. LVCMOS/LVTTL interface levels.
8
OE
Input
Pullup
Output enable. Controls enabling and disabling of outputs Q0/Q0 through Q3/Q3.
LVCMOS/LVTTL interface levels.
10, 18
VDD
Power
Positive supply pins.
11, 12
Q3, Q3
Output
Differential output pair. LVDS interface levels.
14, 15
Q2, Q2
Output
Differential output pair. LVDS interface levels.
16, 17
Q1, Q1
Output
Differential output pair. LVDS interface levels.
19, 20
Q0, Q0
Output
Differential output pair. LVDS interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN
Input Pulldown Resistor
51
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com