Electronic Components Datasheet Search
  English  ▼

X  

8545 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 8545
Description  LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8545 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 8545 Datasheet HTML 6Page - Integrated Device Technology 8545 Datasheet HTML 7Page - Integrated Device Technology 8545 Datasheet HTML 8Page - Integrated Device Technology 8545 Datasheet HTML 9Page - Integrated Device Technology 8545 Datasheet HTML 10Page - Integrated Device Technology 8545 Datasheet HTML 11Page - Integrated Device Technology 8545 Datasheet HTML 12Page - Integrated Device Technology 8545 Datasheet HTML 13Page - Integrated Device Technology 8545 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
2016© Integrated Device Technology, Inc.
Revision E, January 5, 2016
8545 Datasheet
3.3V LVDS Driver Termination
A general LVDS interface is shown in Figure 2. In a 100 differential
transmission line environment, LVDS drivers require a matched load
termination of 100 across near the receiver input. For a multiple
LVDS outputs buffer, if only partial outputs are used, it is
recommended to terminate the unused outputs.
Figure 2. Typical LVDS Driver Termination
3.3V
LVDS Driver
R1
100Ω
–
+
3.3V
50Ω
50Ω
100Ω Differential Transmission Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com