Electronic Components Datasheet Search
  English  ▼

X  

85352 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 85352
Description  LVPECL Clock Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

85352 Datasheet(HTML) 2 Page - Integrated Device Technology

  85352 Datasheet HTML 1Page - Integrated Device Technology 85352 Datasheet HTML 2Page - Integrated Device Technology 85352 Datasheet HTML 3Page - Integrated Device Technology 85352 Datasheet HTML 4Page - Integrated Device Technology 85352 Datasheet HTML 5Page - Integrated Device Technology 85352 Datasheet HTML 6Page - Integrated Device Technology 85352 Datasheet HTML 7Page - Integrated Device Technology 85352 Datasheet HTML 8Page - Integrated Device Technology 85352 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
©2015 Integrated Device Technology, Inc.
Revision C, December 1, 2015
85352 Datasheet
Pin Description and Pin Characteristic Tables
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Function Table
Table 3. Control Input Function Table
Number
Name
Type
Description
1, 2
3, 4
5, 6
7, 8
9, 10
11, 12
25, 26
27, 28
29, 30
31, 32
33, 34
35, 36
Q0, nQ0
Q1, nQ1
Q2, nQ2
Q3, nQ3
Q4, nQ4
Q5, nQ5
nQ11, Q11
nQ10, Q10
nQ9, Q9
nQ8, Q8
nQ7, Q7
nQ6, Q6
Output
Differential output pairs. LVPECL interface levels.
13, 24, 37, 48
VCCO
Power
Output power supply pins.
14, 23
VEE
Power
Negative power supply pins.
15, 22
VCC
Power
Positive power supply pins.
16, 17,
18, 19,
20, 21,
40, 41,
42, 43,
44, 45
SEL5, SEL4,
SEL3, SEL9,
SEL10, SEL11,
SEL8, SEL7,
SEL6, SEL0,
SEL1, SEL2
Input
Pulldown
Clock select inputs. LVCMOS / LVTTL interface levels. See Table 3.
38
CLK1
Input
Pulldown
Non-inverting differential clock input.
39
nCLK1
Input
Pullup/
Pulldown
Inverting differential clock input. VCC/2 default when left floating.
46
CLK0
Input
Pulldown
Non-inverting differential clock input.
47
nCLK0
Input
Pullup/
Pulldown
Inverting differential clock input. VCC/2 default when left floating
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN
Input Pulldown Resistor
51
k
SELx
Selected Clock inputs
0
CLK0, nCLK0
1
CLK1, nCLK1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com