Electronic Components Datasheet Search
  English  ▼

X  

VUI72-16NOXT Datasheet(PDF) 1 Page - IXYS Corporation

Part # VUI72-16NOXT
Description  Standard Rectifier Module(3~ Rectifier Bridge Brake Unit)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUI72-16NOXT Datasheet(HTML) 1 Page - IXYS Corporation

  VUI72-16NOXT Datasheet HTML 1Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 2Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 3Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 4Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 5Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 6Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VUI72-16NOXT
9~
6
7~
1~
5
4
2
NTC
11
12
10
3~ Rectifier Bridge + Brake Unit
Standard Rectifier Module
Part number
VUI72-16NOXT
Backside: isolated
Features / Advantages:
Applications:
Package:
●
Package with DCB ceramic base plate
●
Improved temperature and power cycling
●
Planar passivated chips
●
Very low forward voltage drop
●
Very low leakage current
●
NTC
●
3~ Rectifier with brake unit
for drive inverters
V1-A-Pack
●
Industry standard outline
●
RoHS compliant
●
Soldering pins for PCB mounting
●
Height: 17 mm
●
Base plate: DCB ceramic
●
Reduced weight
●
Advanced power cycling
●
Isolation Voltage:
V~
3600
The data contained in this product data sheet is exclusively intended for technically trained staff. The user will have to evaluate the suitability of the product for the intended application and
the completeness of the product data with respect to his application. The specifications of our components may not be considered as an assurance of component characteristics. The
information in the valid application- and assembly notes must be considered. Should you require product information in excess of the data given in this product data sheet or which concerns
the specific application of your product, please contact your local sales office.
Due to technical requirements our product may contain dangerous substances. For information on the types in question please contact your local sales office.
Should you intend to use the product in aviation, in health or life endangering or life support applications, please notify. For any such application we urgently recommend
- to perform joint risk and quality assessments;
- the conclusion of quality agreements;
- to establish joint measures of an ongoing product survey, and that we may make delivery dependent on the realization of any such measures.
Terms and Conditions of Usage
RRM
1600
I
75
FSM
600
DAV
V
=
V
A
A
=
=
I
3~
Rectifier
CES
1200
Brake
Chopper
I
58
CE(sat)
1.85
C25
V
=
V
A
V
=
=
V
IXYS reserves the right to change limits, conditions and dimensions.
20151102d
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2015 IXYS all rights reserved


Similar Part No. - VUI72-16NOXT

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUI30-12N1 IXYS-VUI30-12N1 Datasheet
54Kb / 2P
Rectifier Module for Three Phase Power Factor Correction
More results

Similar Description - VUI72-16NOXT

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUB72-12NOXT IXYS-VUB72-12NOXT Datasheet
362Kb / 8P
Standard Rectifier Module(3~ Rectifier Bridge Brake Unit NTC)
VUB116-16NOXT IXYS-VUB116-16NOXT Datasheet
471Kb / 8P
Standard Rectifier Module(3~ Rectifier Bridge Brake Unit NTC)
VUB120-16NOX IXYS-VUB120-16NOX Datasheet
271Kb / 7P
Standard Rectifier Module(3~ Rectifier Bridge Brake Unit)
VUB120-16NOXT IXYS-VUB120-16NOXT Datasheet
309Kb / 7P
Standard Rectifier Module(3~ Rectifier Bridge Brake Unit NTC)
VUB160-16NOXT IXYS-VUB160-16NOXT Datasheet
311Kb / 7P
Standard Rectifier Module(3~ Rectifier Bridge Brake Unit NTC)
MDMA240UB1600ED IXYS-MDMA240UB1600ED Datasheet
476Kb / 7P
3~ Rectifier Bridge Brake Unit
MDNA280UB2200PTED IXYS-MDNA280UB2200PTED Datasheet
493Kb / 7P
3~ Rectifier Bridge Brake Unit NTC
MDNA360UB2200PTED IXYS-MDNA360UB2200PTED Datasheet
491Kb / 7P
3~ Rectifier Bridge Brake Unit NTC
VUB160-16NOX IXYS-VUB160-16NOX Datasheet
277Kb / 7P
3~ Rectifier Bridge Brake Unit
VUB145-16NOXT IXYS-VUB145-16NOXT Datasheet
455Kb / 7P
3~ Rectifier Bridge Brake Unit NTC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com