Electronic Components Datasheet Search
  English  ▼

X  

VUI72-16NOXT Datasheet(PDF) 2 Page - IXYS Corporation

Part # VUI72-16NOXT
Description  Standard Rectifier Module(3~ Rectifier Bridge Brake Unit)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUI72-16NOXT Datasheet(HTML) 2 Page - IXYS Corporation

  VUI72-16NOXT Datasheet HTML 1Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 2Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 3Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 4Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 5Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 6Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VUI72-16NOXT
V
=
V
kA²s
kA²s
kA²s
kA²s
Symbol
Definition
Ratings
typ.
max.
I
R
V
I
A
V
F
1.10
R
1.1
K/W
R
min.
75
VRSM
V
40
T
= 25°C
VJ
T
=
°C
VJ
mA
1.5
V
=
V
R
T
= 25°C
VJ
I =
A
F
V
T =
°C
C
110
P
tot
110
W
T
= 25°C
C
R
K/W
0.3
25
1600
max. non-repetitive reverse blocking voltage
reverse current
forward voltage drop
total power dissipation
Conditions
Unit
1.38
T
= 25°C
VJ
150
V
F0
V
0.79
T
=
°C
VJ
150
rF
7.7
mΩ
V
1.01
T
=
°C
VJ
I =
A
F
V
25
1.37
I =
A
F
75
I =
A
F
75
threshold voltage
slope resistance
for power loss calculation only
µA
125
VRRM
V
1600
max. repetitive reverse blocking voltage
T
= 25°C
VJ
CJ
19
junction capacitance
V =
V;
400
T
= 25°C
f = 1 MHz
R
VJ
pF
I
FSM
t = 10 ms; (50 Hz), sine
T
= 45°C
VJ
max. forward surge current
T
=
°C
VJ
150
I²t
T
= 45°C
value for fusing
T
=
°C
150
V
= 0 V
R
V
= 0 V
R
V
= 0 V
V
= 0 V
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
VJ
R
VJ
R
T
=
°C
VJ
150
600
650
1.30
1.26
A
A
A
A
510
550
1.80
1.76
1600
DAV
d =
rectangular
⅓
bridge output current
thermal resistance junction to case
thJC
thermal resistance case to heatsink
thCH
Rectifier
1700
IXYS reserves the right to change limits, conditions and dimensions.
20151102d
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2015 IXYS all rights reserved



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com