Electronic Components Datasheet Search
  English  ▼

X  

WM8988 Datasheet(PDF) 39 Page - Cirrus Logic

Part # WM8988
Description  Stereo CODEC for Portable Audio Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8988 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button WM8988 Datasheet HTML 35Page - Cirrus Logic WM8988 Datasheet HTML 36Page - Cirrus Logic WM8988 Datasheet HTML 37Page - Cirrus Logic WM8988 Datasheet HTML 38Page - Cirrus Logic WM8988 Datasheet HTML 39Page - Cirrus Logic WM8988 Datasheet HTML 40Page - Cirrus Logic WM8988 Datasheet HTML 41Page - Cirrus Logic WM8988 Datasheet HTML 42Page - Cirrus Logic WM8988 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
WM8988
Rev 4.2
39
AUDIO INTERFACE OUTPUT TRISTATE
Register bit TRI, register 24(18h) bit[3] can be used to tristate the ADCDAT pin and switch ADCLRC,
DACLRC and BCLK to inputs. In Slave mode (MASTER=0) LRC and BCLK are by default configured
as inputs and only ADCDAT will be tri-stated, (see Table 32).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24(18h)
Additional
Control (2)
3
TRI
0
Tristates ADCDAT and switches ADCLRC,
DACLRC and BCLK to inputs.
0 = ADCDAT is an output, LRC and BCLK are
inputs (slave mode) or outputs (master mode)
1 = ADCDAT is tristated, LRC and BCLK are
inputs
Table 32 Tri-stating the Audio Interface
MASTER MODE LRC ENABLE
In Master mode the lrclk (LRC) is enabled by default only when the DAC is enabled. If ADC only
operation in Master mode is required register bit LRCM must be set in order to generate an lrclk. For
DAC only operation LRCM may be set to ‘0’.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24(18h)
Additional
Control (2)
2
LRCM
0
Selects disable mode for LRC
0 = LRC disabled when DAC (Left and Right)
disabled.
1 = LRC disabled only when ADC (Left and
Right) and DAC (Left and Right) are disabled.
Table 33 LRC Enable
BIT CLOCK MODE
The default master mode bit clock generator produces a bit clock frequency based on the sample rate
and input MCLK frequency as shown in Table 36. When enabled by setting the appropriate BCM[1:0]
bits, the bit clock mode (BCM) function overrides the default master mode bit clock generator to
produce the bit clock frequency shown in the table below:
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8 (08h)
Clocking and
Sample Rate
Control
8:7
BCM[1:0]
00
BCLK Frequency
00 = BCM function disabled
01 = MCLK/4
10 = MCLK/8
11 = MCLK/16
Table 34 Master Mode BCLK Frequency Control
The BCM mode bit clock generator produces 16 or 24-bit clock cycles per sample. The number of bit
clock cycles per sample in this mode is determined by the word length bits (WL[1:0]) in the Digital
Audio Interface Format register (R7). When these bits are set to 00, there will be 16-bit clock cycles
per sample. When these bits are set to 01, 10 or 11, there will be 24 bit clock cycles per sample.
Please refer to Figure 18.
In order to use BCM either the ADC must be enabled or, if the ADC is disabled, the LRCM bit must be
set and the DAC enabled. When the BCM function is enabled, the following restrictions apply:
1. The bit clock invert (BCLKINV) function is not available.
2. DSP late digital audio interface mode is not available and must not be enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com