Electronic Components Datasheet Search
  English  ▼

X  

WM8988 Datasheet(PDF) 13 Page - Cirrus Logic

Part # WM8988
Description  Stereo CODEC for Portable Audio Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8988 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button WM8988 Datasheet HTML 9Page - Cirrus Logic WM8988 Datasheet HTML 10Page - Cirrus Logic WM8988 Datasheet HTML 11Page - Cirrus Logic WM8988 Datasheet HTML 12Page - Cirrus Logic WM8988 Datasheet HTML 13Page - Cirrus Logic WM8988 Datasheet HTML 14Page - Cirrus Logic WM8988 Datasheet HTML 15Page - Cirrus Logic WM8988 Datasheet HTML 16Page - Cirrus Logic WM8988 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
WM8988
Rev 4.2
13
AUDIO INTERFACE TIMING – SLAVE MODE
Figure 3 Digital Audio Data Timing
– Slave Mode
Test Conditions
DCVDD = 1.42V, DBVDD = 3.3V, DGND = 0V, TA = +25
oC,
Slave Mode, fs = 48kHz, MCLK = 256fs, 24-bit data, unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
BCLK cycle time
tBCY
50
ns
BCLK pulse width high
tBCH
20
ns
BCLK pulse width low
tBCL
20
ns
DACLRC set-up time to BCLK rising edge
tLRSU
10
ns
DACLRC hold time from BCLK rising edge
tLRH
10
ns
DACDAT hold time from BCLK rising edge
tDH
10
ns
ADCDAT propagation delay from BCLK falling edge
tDD
10
ns
Note:
BCLK period should always be greater than or equal to MCLK period.
BCLK
LRC
t
BCH
t
BCL
t
BCY
DACDAT
ADCDAT
t
LRSU
t
DS
t
LRH
t
DH
t
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com