Electronic Components Datasheet Search
  English  ▼

X  

MHT1001H Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MHT1001H
Description  RF Power LDMOS Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHT1001H Datasheet(HTML) 1 Page - NXP Semiconductors

  MHT1001H Datasheet HTML 1Page - NXP Semiconductors MHT1001H Datasheet HTML 2Page - NXP Semiconductors MHT1001H Datasheet HTML 3Page - NXP Semiconductors MHT1001H Datasheet HTML 4Page - NXP Semiconductors MHT1001H Datasheet HTML 5Page - NXP Semiconductors MHT1001H Datasheet HTML 6Page - NXP Semiconductors MHT1001H Datasheet HTML 7Page - NXP Semiconductors MHT1001H Datasheet HTML 8Page - NXP Semiconductors MHT1001H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MHT1001HR5
1
RF Device Data
Freescale Semiconductor, Inc.
RF Power LDMOS Transistor
N--Channel Enhancement--Mode Lateral MOSFET
RF power transistor suitable for industrial heating applications operating at
2450 MHz. Device is capable of both CW and pulse operation.
 Typical CW Performance at 2450 MHz, VDD =28 Vdc,IDQ = 1900 mA,
Pout = 190 W
Power Gain — 13.2 dB
Drain Efficiency — 46.2%
 Capable of Handling 10:1 VSWR, @ 28 Vdc, 2340 MHz, 190 W CW
Output Power
Features
 Characterized with Series Equivalent Large--Signal Impedance Parameters
 Internally Matched for Ease of Use
 Qualified Up to a Maximum of 32 VDD Operation
 Integrated ESD Protection
 In Tape and Reel. R5 Suffix = 50 Units, 56 mm Tape Width, 13--inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
--0.5, +68
Vdc
Gate--Source Voltage
VGS
--0.5, +12
Vdc
Storage Temperature Range
Tstg
-- 65 to +150
C
Case Operating Temperature
TC
150
C
Operating Junction Temperature (1,2)
TJ
225
C
CW Operation @ TC =25C
Derate above 25C
CW
110
1.34
W
W/C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2,3)
Unit
Thermal Resistance, Junction to Case
Case Temperature 100C, 190 W CW (4)
RJC
0.22
C/W
1. Continuous use at maximum temperature will affect MTTF.
2. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access
MTTF calculators by product.
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
4. Exceeds recommended operating conditions. See CW operation data in Maximum Ratings table.
Document Number: MHT1001H
Rev. 0, 5/2014
Freescale Semiconductor
Technical Data
MHT1001HR5
2450 MHz, 190 W CW, 28 V
INDUSTRIAL HEATING, RUGGED
RF POWER LDMOS TRANSISTOR
NI--1230H--4S
(Top View)
Drain A
31
Figure 1. Pin Connections
42 Drain B
Gate A
Gate B
Note: The backside of the package is the
source terminal for the transistors.
 Freescale Semiconductor, Inc., 2014. All rights reserved.


Similar Part No. - MHT1001H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MHT1000H NXP-MHT1000H Datasheet
653Kb / 10P
RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2014
MHT1000HR5 NXP-MHT1000HR5 Datasheet
653Kb / 10P
RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2014
MHT1002GNR3 NXP-MHT1002GNR3 Datasheet
632Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 4/2015
MHT1002N NXP-MHT1002N Datasheet
632Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 4/2015
MHT1002NR3 NXP-MHT1002NR3 Datasheet
632Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 4/2015
More results

Similar Description - MHT1001H

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
L2821 POLYFET-L2821_14 Datasheet
64Kb / 2P
RF POWER LDMOS TRANSISTOR
L8721P POLYFET-L8721P_14 Datasheet
53Kb / 2P
RF POWER LDMOS TRANSISTOR
L88016 POLYFET-L88016_14 Datasheet
59Kb / 2P
RF POWER LDMOS TRANSISTOR
LB501 POLYFET-LB501_14 Datasheet
62Kb / 2P
RF POWER LDMOS TRANSISTOR
LC801 POLYFET-LC801_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
LK702 POLYFET-LK702_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
LP721 POLYFET-LP721_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
LP802 POLYFET-LP802_14 Datasheet
61Kb / 2P
RF POWER LDMOS TRANSISTOR
LP821 POLYFET-LP821_14 Datasheet
61Kb / 2P
RF POWER LDMOS TRANSISTOR
LQ801 POLYFET-LQ801_14 Datasheet
59Kb / 2P
RF POWER LDMOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com