Electronic Components Datasheet Search
  English  ▼

X  

2200935 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2200935
Description  Panel mounting base, Lower part, Color: aluminum, Width: 45 mm, Constructional height: 28.1 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2200935 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2200935 Datasheet HTML 1Page - PHOENIX CONTACT 2200935 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/2200935
2/6/14   Page 1 / 2
Electronic housing - UM-ALU 4-100,5 PROFILE 42,5 - 2200935
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Panel mounting base, Lower part, Color: aluminum, Width: 45 mm, Constructional height: 28.1 mm
Key commercial data
Packing unit
1 pc
Custom tariff number
76042990
Country of origin
Germany
Technical data
General
Housing type
Panel mounting base
Housing material
Aluminum
Color
aluminum
Ambient conditions
Ambient temperature (operation)
-40 °C ... 100 °C
Dimensions
Length
25 mm
Constructional height
28.1 mm
Width
45 mm
Classifications
eCl@ss
eCl@ss 4.0
27180401
eCl@ss 4.1
27180401
eCl@ss 5.0
27180506


Similar Part No. - 2200935

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200930 PHOENIX-2200930 Datasheet
51Kb / 2P
Item is from the UM-ALU product range
2200931 PHOENIX-2200931 Datasheet
195Kb / 5P
UM-ALU 4-72 FRONT 235 - Front plate
2200932 PHOENIX-2200932 Datasheet
194Kb / 5P
UM-ALU 4-72 FRONT 990 - Front plate
2200933 PHOENIX-2200933 Datasheet
43Kb / 2P
Panel mounting base, Side part, Color: aluminum
2200934 PHOENIX-2200934 Datasheet
43Kb / 2P
Panel mounting base, Side part, Color: black
More results

Similar Description - 2200935

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200917 PHOENIX-2200917 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 45 mm, Constructional height: 28.1 mm
2200938 PHOENIX-2200938 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 130 mm
2200953 PHOENIX-2200953 Datasheet
49Kb / 2P
Panel mounting base, Upper part, Color: aluminum, Width: 45 mm, Constructional height: 28.1 mm
2200954 PHOENIX-2200954 Datasheet
49Kb / 2P
Panel mounting base, Upper part, Color: aluminum, Width: 42.5 mm, Constructional height: 28.1 mm
2200955 PHOENIX-2200955 Datasheet
49Kb / 2P
Panel mounting base, Upper part, Color: aluminum, Width: 60 mm, Constructional height: 28.1 mm
2200956 PHOENIX-2200956 Datasheet
49Kb / 2P
Panel mounting base, Upper part, Color: aluminum, Width: 45 mm, Constructional height: 28.1 mm
2200957 PHOENIX-2200957 Datasheet
49Kb / 2P
Panel mounting base, Upper part, Color: aluminum, Width: 130 mm, Constructional height: 28.1 mm
2200958 PHOENIX-2200958 Datasheet
49Kb / 2P
Panel mounting base, Upper part, Color: aluminum, Width: 165 mm, Constructional height: 28.1 mm
2200959 PHOENIX-2200959 Datasheet
49Kb / 2P
Panel mounting base, Upper part, Color: aluminum, Width: 165 mm, Constructional height: 28.1 mm
2200960 PHOENIX-2200960 Datasheet
49Kb / 2P
Panel mounting base, Upper part, Color: aluminum, Width: 235 mm, Constructional height: 28.1 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com