Electronic Components Datasheet Search
  English  ▼

X  

2200935 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2200935
Description  Panel mounting base, Lower part, Color: aluminum, Width: 45 mm, Constructional height: 28.1 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2200935 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2200935 Datasheet HTML 1Page - PHOENIX CONTACT 2200935 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
https://www.phoenixcontact.com/us/products/2200935
2/6/14   Page 2 / 2
Electronic housing - UM-ALU 4-100,5 PROFILE 42,5 - 2200935
Classifications
eCl@ss
eCl@ss 5.1
27180506
eCl@ss 6.0
27182003
eCl@ss 7.0
27182701
eCl@ss 8.0
27182701
ETIM
ETIM 3.0
EC001031
ETIM 4.0
EC000721
ETIM 5.0
EC000721
UNSPSC
UNSPSC 6.01
31261501
UNSPSC 7.0901
31261501
UNSPSC 11
31261501
UNSPSC 12.01
31261501
UNSPSC 13.2
31261501
Drawings
Dimensioned drawing
105
100,5
© Phoenix Contact 2013 - all rights reserved
http://www.phoenixcontact.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com