Electronic Components Datasheet Search
  English  ▼

X  

FH30 Datasheet(PDF) 2 Page - Hirose Electric

Part # FH30
Description  0.3 or 0.4 mm pitch, 3 mm above the board, Flip-Lock actuator, Flexible Printed Circuit ZIF connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH30 Datasheet(HTML) 2 Page - Hirose Electric

  FH30 Datasheet HTML 1Page - Hirose Electric FH30 Datasheet HTML 2Page - Hirose Electric FH30 Datasheet HTML 3Page - Hirose Electric FH30 Datasheet HTML 4Page - Hirose Electric FH30 Datasheet HTML 5Page - Hirose Electric FH30 Datasheet HTML 6Page - Hirose Electric FH30 Datasheet HTML 7Page - Hirose Electric FH30 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Current rating(Note 1)
Voltage rating
FH30 Series
●0.3 or 0.4mm pitch, 3mm above the board, Flip-Lock actuator, Flexible Printed Circuit ZIF connectors
■Product Specifications
Item
Specification
Conditions
100 V DC
0.3 mm pitch: 90 Vrms AC / 1 minute
0.4mm pitch: 150 Vrms AC / 1 minute
1 mA AC
20 cycles
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm
10 cycles in each of the 3 directions
Acceleration of 981m/s
2, 6 ms duration,
sine half-wave, 3 cycles in each of the 3 axis
96 hours at 40°C and humidity of 90 to 95%
Temperature: -40°C
➝ +15°C to 35°C ➝ +85°C➝ +15°C to 35°C
Time:
-30
➝ 2 to 3
➝ +30 ➝ +2 to 3
5 cycles
Reflow: At the recommended temperature profile
Manual soldering: 350°C for 5 seconds
1. Insulation resistance
500 Mø min.
2. Withstanding voltage
No flashover or insulation breakdown
3. Contact resistance
150 mø max.
* Including FPC conductor resistance
4. Durability
Contact resistance: 150 mø max.
No damage, cracks, or parts dislocation
5. Vibration
No electrical discontinuity of 1μs or longer
Contact resistance: 150 mø max.
No damage, cracks, or parts dislocation
6. Shock
No electrical discontinuity of 1μs or longer
Contact resistance: 150 mø max.
No damage, cracks, or parts dislocation
7. Humidity (Steady state)
Contact resistance: 150 mø max.
Insulation resistance: 50Mø min.
No damage, cracks, or parts dislocation
8. Temperature cycle
Contact resistance: 150 mø max.
Insulation resistance: 50Mø min.
No damage, cracks, or parts dislocation
9. Resistance to soldering heat
No deformation of components affecting
performance.
Note1: When passing the current through all of the contacts, use 70% of the rated current.
Note2: Includes temperature rise caused by current flow.
Note3: The term "storage" refers to products stored for a long period prior to mounting and use.
The operating temperature and humidity range covers the non-conducting condition of connectors after installation on a
board.
■Materials
Insulator
LCP
FH30 series Color:Gray
UL94V-0
FH30M series Color:Beige
Contacts
Phosphor bronze
Gold plated
--------------
Part
Material
Finish
Remarks
Recommended FPC
Thickness: 0.3±0.05, Gold plated contact pads
Ratings
0.3 mm pitch
0.15 A
30 Vrms AC
0.4 mm pitch
0.3 A
50 Vrms AC
Operating temperature range -40 to +85°C (Note 2)
Operating humidity range
Relative humidity 90% max.
(No condensation)
Storage temperature range -10 to +50°C (Note 3)
Storage humidity range
Relative humidity 90% max.
(No condensation)
■Ordering information
q Series name
: FH
w Series No.
: 30
e Blank
: 0.3mm pitch
M
: 0.4 mm pitch
r Number of contacts : FH30 series 60, 80, 90
FH30M series 80, 96
t Contact pitch
: 0.3 mm, 0.4 mm
y Contact type
: SHW(SMT horizontal staggered mounting)
u Plating specifications : (05)…Gold plated
(98)…Gold plated, 500 pieces/reel
FH 30 M - 80S - 0.3 SHW (05)
1
2
3
4
5
6
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com