Electronic Components Datasheet Search
  English  ▼

X  

FH30 Datasheet(PDF) 3 Page - Hirose Electric

Part # FH30
Description  0.3 or 0.4 mm pitch, 3 mm above the board, Flip-Lock actuator, Flexible Printed Circuit ZIF connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH30 Datasheet(HTML) 3 Page - Hirose Electric

  FH30 Datasheet HTML 1Page - Hirose Electric FH30 Datasheet HTML 2Page - Hirose Electric FH30 Datasheet HTML 3Page - Hirose Electric FH30 Datasheet HTML 4Page - Hirose Electric FH30 Datasheet HTML 5Page - Hirose Electric FH30 Datasheet HTML 6Page - Hirose Electric FH30 Datasheet HTML 7Page - Hirose Electric FH30 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FH30 Series
●0.3 or 0.4mm pitch, 3mm above the board, Flip-Lock actuator, Flexible Printed Circuit ZIF connectors
■Dimensions
Vacuum pick-up surface
Vacuum pick-up surface
0.8
0.8
Number of contacts indicator
B
R9
R
C
Q
A
D
(E: FPC insertion slot dimension)
(0.12)
(0.12)
**
Notes 1: The coplanarity of each terminal lead is within 0.1.
2: Packaged on tape and reel only. Check packaging specification.
3: Slight variations in color of the plastic compounds do not affect form ,fit or function of the connector.
4: After reflow, the terminal plating may change color, however this does not represent a quality issue.
Tape and reel packaging (1,000 pieces/reel, 500 pieces/reel).
Order by number of reels.
Part Number
FH30-60S-0.3SHW(05)
FH30-80S-0.3SHW(05)
FH30-90S-0.3SHW(05)
FH30M-80S-0.4SHW(05)
FH30M-96S-0.4SHW(05)
580-0105-8-05
580-0100-4-05
580-0106-0-05
580-0102-0-05
580-0103-2-05
60
80
90
80
96
0.3
0.3
0.3
0.4
0.4
CL No.
Number of Contacts FPC contact pitch
All dimensions: mm
A
B
C
D
E
Q
R
21.9
27.9
30.9
35.8
42.2
17.7
23.7
26.7
31.6
38
17.4
23.4
26.4
31.2
37.6
17.4
23.4
26.4
31.2
37.6
18.35
24.35
27.35
32.25
38.65
0.3
0.3
0.3
0.4
0.4
0.6
0.6
0.6
0.8
0.8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com