Electronic Components Datasheet Search
  English  ▼

X  

FUSB301TMX Datasheet(PDF) 6 Page - ON Semiconductor

Part # FUSB301TMX
Description  Autonomous USB Type-C Controller with Super Speed Switch Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB301TMX Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FUSB301TMX Datasheet HTML 2Page - ON Semiconductor FUSB301TMX Datasheet HTML 3Page - ON Semiconductor FUSB301TMX Datasheet HTML 4Page - ON Semiconductor FUSB301TMX Datasheet HTML 5Page - ON Semiconductor FUSB301TMX Datasheet HTML 6Page - ON Semiconductor FUSB301TMX Datasheet HTML 7Page - ON Semiconductor FUSB301TMX Datasheet HTML 8Page - ON Semiconductor FUSB301TMX Datasheet HTML 9Page - ON Semiconductor FUSB301TMX Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
FUSB301
www.onsemi.com
6
TIMING PARAMETERS
Symbol
Unit
TA = −40 to +855C
TJ = −40 to +1255C
Parameter
Symbol
Unit
Max.
Typ.
Min.
Parameter
tDRPToggle2
For DRP Operation, Time Spent in Unat-
tached.Source before going to Unattached.Sink
State
DRPROGGLE = 00
15
30
ms
DRPROGGLE = 01
20
40
DRPROGGLE = 10
25
50
DRPROGGLE = 11
30
60
IO SPECIFICATIONS
Symbol
Parameter
VDD (V)
Conditions
TA = −40 to +855C
TJ = −40 to +1255C
Unit
Min.
Typ.
Max.
Unit
Host Interface Pins (ID)
VOLID
Output Low Voltage
3.0 to 5.5
IOL = 4 mA
0.4
V
Host Interface Pins (SS_SW)
VOHSW
Output High Voltage
3.0 to 5.5
IOH = −2 mA
0.7VDD
V
VOLSW
Output Low Voltage
3.0 to 5.5
IOL = 4 mA
0.4
V
Host Interface Pins (INT_N)
VOLINTN
Output Low Voltage
3.0 to 5.5
IOL = 4 mA
0.4
V
I2C Interface Pins − Fast Mode SDA, SCL
VILI2C
Low−Level Input Voltage
3.0 to 5.5
0.4
V
VIHI2C
High−Level Input Voltage
3.0 to 5.5
1.2
V
VHYS
Hysteresis of Schmitt Trigger In-
puts
3.0 to 5.5
0.2
V
II2C
Input Current of SDA and SCL Pins
3.0 to 5.5
Input Voltage
0.26 V to 2 V
−10
10
mA
ICCTI2C
VDD Current when SDA and SCL
is HIGH
3.0 to 5.5
Input Voltage
1.8 V
−10
10
mA
VOLSDA
Low−Level Output Voltage at 3 mA
Sink Current (Open−Drain)
3.0 to 5.5
0
0.3
V
CI
Capacitance for Each I/O Pin
3.0 to 5.5
10
pF
FAST MODE I2C SPECIFICATIONS (see Figure 4)
Symbol
Parameter
Fast Mode
Unit
Min.
Max.
fSCL
I2C_SCL Clock Frequency
0
400
kHz
tHD;STA
Hold Time (Repeated) START Condition
0.6
ms
tLOW
LOW Period of I2C_SCL Clock
1.3
ms
tHIGH
HIGH Period of I2C_SCL Clock
0.6
ms
tSU;STA
Set−up Time for Repeated START Condition
0.6
ms
tHD;DAT
Data Hold Time
0
0.9
ms
tSU;DAT
Data Set−up Time
(Note 2)
100
ns
tr
Rise Time of I2C_SDA and I2C_SCL Signals
(Note 3)
20*(VDD/5.5V)
250
ns
tf
Fall Time of I2C_SDA and I2C_SCL Signals
(Note 3)
20*(VDD/5.5V)
250
ns
tSU;STO
Set−up Time for STOP Condition
0.6
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com