Electronic Components Datasheet Search
  English  ▼

X  

FUSB301TMX Datasheet(PDF) 9 Page - ON Semiconductor

Part # FUSB301TMX
Description  Autonomous USB Type-C Controller with Super Speed Switch Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB301TMX Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FUSB301TMX Datasheet HTML 5Page - ON Semiconductor FUSB301TMX Datasheet HTML 6Page - ON Semiconductor FUSB301TMX Datasheet HTML 7Page - ON Semiconductor FUSB301TMX Datasheet HTML 8Page - ON Semiconductor FUSB301TMX Datasheet HTML 9Page - ON Semiconductor FUSB301TMX Datasheet HTML 10Page - ON Semiconductor FUSB301TMX Datasheet HTML 11Page - ON Semiconductor FUSB301TMX Datasheet HTML 12Page - ON Semiconductor FUSB301TMX Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
FUSB301
www.onsemi.com
9
Table 7. CONTROL
Address: 03h
Reset Value: 0×XX00_X011
Type: Read/Write
Bit #
Name
Size (Bits)
Description
7:6
Reserved
2
Do Not Use
5:4
DRPTOGGLE
2
Selects different timing for Dual Role Port Toggle between Unattached. Sink
State and Unattached.SOURCE State.
00: 35 ms min. in Unattached.Sink and 15 ms min. In Unattached.SOURCE
01: 30 ms min. In Unattached.Sink and 20 ms min. In Unattached.SOURCE
10: 25 ms min. In Unattached.Sink and 25 ms min. In Unattached.SOURCE
11: 20 ms min. In Unattached.Sink and 30 ms min. In Unattached.SOURCE
3
Reserved
1
Do Not Use
2:1
HOST_CUR
[1:0]
2
1: Controls the pull−up current when device enabled as a Source
00: No Current
01: 80 mA − Default USB Power
10: 180 mA − Medium Current Mode: 1.5 A
11: 330 mA − High Current Mode: 3 A
0
INT_MASK
1
1: Global interrupt mask to mask all interrupts
Table 8. MANUAL (Note 6)
Address: 04h
Reset Value: 0×XXXX_0000
Type: Write/Clear
Bit #
Name
Size (Bits)
Description
7:4
Reserved
4
Do Not Use
3
UNATT_SNK
(Note 7)
1
1: Put device in Unattached.Sink state as defined in the Type C spec
2
UNATT_SRC
1
1: Put device in Unattached.Source state as defined in the Type C spec
1
DISABLED
(Note 8)
1
1: Put device in Disabled state as defined in the Type C spec
0
ERROR_REC
1
1: Put device in ErrorRecovery state as defined in the Type C spec
6. If more than one bit is set to ‘‘b1‘‘ simultaneously then an order of priority will be used. 1st priority is DISABLED, 2nd is ERROR_REC, 3rd
is UNATT_SRC, last is UNATT_SNK. The highest priority bit will take precedence and all other bits will be cleared automatically.
7. Wait 2 ms between Modes = Sink and Manual = UNATT_SNK writes.
8. The DISABLED bit must be manually cleared.
Table 9. RESET
Address: 05h
Reset Value: 0×XXXX_XXX0
Type: Write/Clear
Bit #
Name
Size (Bits)
Description
7:6
Reserved
7
Do Not Use
0
SW_RES
1
1: Reset the system and I2C Register.
Table 10. MASK
Address: 10h
Reset Value: 0×XXXX_0000
Type: Read/Write
Bit #
Name
Size (Bits)
Description
7:4
Reserved
4
Do Not Use
3
M_ACC_CH
1
1: Mask a change from Accessory Present to Attached Accessory
2
M_BC_LVL
1
1: Mask a change in I_BC_LVL interrupt bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com