Electronic Components Datasheet Search
  English  ▼

X  

BL0200C Datasheet(PDF) 21 Page - Sanken electric

Part # BL0200C
Description  High Efficiency For LED Backlight 2ch LED Driver IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

BL0200C Datasheet(HTML) 21 Page - Sanken electric

Back Button BL0200C Datasheet HTML 17Page - Sanken electric BL0200C Datasheet HTML 18Page - Sanken electric BL0200C Datasheet HTML 19Page - Sanken electric BL0200C Datasheet HTML 20Page - Sanken electric BL0200C Datasheet HTML 21Page - Sanken electric BL0200C Datasheet HTML 22Page - Sanken electric BL0200C Datasheet HTML 23Page - Sanken electric BL0200C Datasheet HTML 24Page - Sanken electric BL0200C Datasheet HTML 25Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
BL0200 Series
BL0200-DS Rev.2.3
SANKEN ELECTRIC CO.,LTD.
21
May. 15, 2014
10.Reference Design of Power Supply
As an example, the following show a power supply specification of BL0200C and BL0202B, circuit schematic, bill
of materials, and transformer specification.
This reference design is the example of the value of parts, and should be adjusted based on actual operation in the
application.
10.1 BL0202B
 BL0202B Features
- DRV pin oscillation frequency is 100 kHz
- Enable function
 Power Supply Specification
IC
BL0202B
Input voltage
DC 24 V
Maximum output power
40 W (max.)
Output voltage
50 V
Output current
400 mA × 2
 Circuit
L2
P_IN
P_GND
C21
Q3
D6
DRV1
GND
L1
C2
Q2
R5
D1
OUT2
VCC_IN
ON/OFF
PWM2_IN
PWM1_IN
S_GND
Q1
D9
D8
REG
1
15
16
17
18
4
3
2
OVP
PWM1
COMP1
VREF
EN
PWM2
COMP2
7
6
5
12
13
14
IFB2
OC2
DRV2
IFB1
OC1
9
8
SW1
10
11
SW2
VCC
F1
C1
OUT1
C18
C3
C5
C4
C6
C7
C8
C10
C11
C12
C13
C14
C15
C16
C19
C20
R1
R2
R3
R4
R6 R7 R8
R10 R11 R12 R13
R9
R14
R15
R51 R52 R53 R54
R56 R57 R58 R59
R55
R60
R61
R16
R17
R19
R18
R20
R21
R22
R24
R23
R25
R26
R27
R32
R33
R34
R35
R36
R37
R38
R39
R41
R42
R44
R45
R46
R47
R48
R49
R50
R62
R63
D2
D3
D7
D10
Q4
C22
TC_BL0202_3_R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com