Electronic Components Datasheet Search
  English  ▼

X  

BL0200C Datasheet(PDF) 3 Page - Sanken electric

Part # BL0200C
Description  High Efficiency For LED Backlight 2ch LED Driver IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

BL0200C Datasheet(HTML) 3 Page - Sanken electric

  BL0200C Datasheet HTML 1Page - Sanken electric BL0200C Datasheet HTML 2Page - Sanken electric BL0200C Datasheet HTML 3Page - Sanken electric BL0200C Datasheet HTML 4Page - Sanken electric BL0200C Datasheet HTML 5Page - Sanken electric BL0200C Datasheet HTML 6Page - Sanken electric BL0200C Datasheet HTML 7Page - Sanken electric BL0200C Datasheet HTML 8Page - Sanken electric BL0200C Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
BL0200 Series
BL0200-DS Rev.2.3
SANKEN ELECTRIC CO.,LTD.
3
May. 15, 2014
1. Absolute Maximum Ratings
The polarity value for current specifies a sink as "+," and a source as "−," referencing the IC.
Unless otherwise specified, T
A is 25 °C
Parameter
Symbol
Test
Conditions
Pins
Rating
Unit
Notes
REG Pin Source Current
IREG
1 – 9
− 1
mA
OVP Pin Voltage
VOVP
2 – 9
− 0.3 to 5
V
PWM1 Pin Voltage
VPWM1
3 – 9
− 0.3 to 5
V
IFB1 Pin Clamp Current
IFB1
Single pulse
5 µs
5 – 9
− 10
mA
OC1 Pin Voltage
VOC1
6 – 9
− 0.3 to 5
V
DRV1 Pin Voltage
VDRV1
7 – 9
− 0.3 to V
CC + 0.3
V
SW1 Pin Voltage
VSW1
8 – 9
− 0.3 to V
CC + 0.3
V
VCC Pin Voltage
VCC
10 – 9
− 0.3 to 20
V
SW2 Pin Voltage
VSW2
11 – 9
− 0.3 to V
CC + 0.3
V
DRV2 Pin Voltage
VDRV2
12 – 9
− 0.3 to V
CC + 0.3
V
OC2 Pin Voltage
VOC2
13 – 9
− 0.3 to 5
V
IFB2 Pin Clamp Current
IFB2
Single pulse
5 µs
14 – 9
− 10
mA
PWM2 Pin Voltage
VPWM2
16 – 9
− 0.3 to 5
V
EN Pin Voltage
VEN
17 – 9
− 0.3 to 5
V
BL0202B
BL0202C
ER Pin Voltage
VER
17 – 9
− 0.3 to V
REG
V
BL0200C
VREF Pin Voltage
VREF
18 – 9
− 0.3 to 5
V
Operating Ambient Temperature
Top
−
− 40 to 85
°C
Storage Temperature
Tstg
−
− 40 to 125
°C
Junction Temperature
Tj
−
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com