Electronic Components Datasheet Search
  English  ▼

X  

TMP117AIDRVT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117AIDRVT
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP117AIDRVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMP117AIDRVT Datasheet HTML 18Page - Texas Instruments TMP117AIDRVT Datasheet HTML 19Page - Texas Instruments TMP117AIDRVT Datasheet HTML 20Page - Texas Instruments TMP117AIDRVT Datasheet HTML 21Page - Texas Instruments TMP117AIDRVT Datasheet HTML 22Page - Texas Instruments TMP117AIDRVT Datasheet HTML 23Page - Texas Instruments TMP117AIDRVT Datasheet HTML 24Page - Texas Instruments TMP117AIDRVT Datasheet HTML 25Page - Texas Instruments TMP117AIDRVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
TMP117
SNOSD82 – JUNE 2018
www.ti.com
22
Product Folder Links: TMP117
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
This value is stored in electrically-erasable, programmable read-only memory (EEPROM) during device manufacturing. The device reset value can be changed by writing the relevant code
in the EEPROM cells (see the EEPROM Overview section).
7.6 Registers Map
Table 3. Register Map
ADDRESS
(HEX)
DEFAULT
VALUE
(HEX)
REGISTER DATA
REGISTER NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
00h
8000
T15
T14
T13
T12
T11
T10
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
Temperature
01h
0220
(1)
HIGH_
Alert
LOW_
Alert
Data_
Ready
EEPROM
_Busy
MOD1
MOD0
CONV2
CONV1
CONV0
AVG1
AVG0
T/nA
POL
DR/nAlert
_EN
Soft_Rest
—
Configuration
02h
6000
(1)
H15
H14
H13
H12
H11
H10
H9
H8
H7
H6
H5
H4
H3
H2
H1
H0
High Limit
03h
8000
(1)
L15
L14
L13
L12
L11
L10
L9
L8
L7
L6
L5
L4
L3
L2
L1
L0
Low Limit
07h
0000
(1)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Temperature Offset
04h
0000
EUN
EEPROM
_ Busy
—
—
—
—
—
—
—
—
—
—
—
—
—
—
EEPROM Unlock
05h
xxxx
(1)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
EEPROM1
06h
xxxx
(1)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
EEPROM2
08h
xxxx
(1)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
EEPROM3
0Fh
x116
—
—
—
—
DID11
DID10
DID9
DID8
DID7
DID6
DID5
DID4
DID3
DID2
DID1
DID0
Device lD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com