Electronic Components Datasheet Search
  English  ▼

X  

TMP117AIDRVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117AIDRVT
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP117AIDRVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP117AIDRVT Datasheet HTML 3Page - Texas Instruments TMP117AIDRVT Datasheet HTML 4Page - Texas Instruments TMP117AIDRVT Datasheet HTML 5Page - Texas Instruments TMP117AIDRVT Datasheet HTML 6Page - Texas Instruments TMP117AIDRVT Datasheet HTML 7Page - Texas Instruments TMP117AIDRVT Datasheet HTML 8Page - Texas Instruments TMP117AIDRVT Datasheet HTML 9Page - Texas Instruments TMP117AIDRVT Datasheet HTML 10Page - Texas Instruments TMP117AIDRVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
Data Distribution (LSB)
0
10
20
30
40
50
60
70
80
-4
-3
-2
-1
0
1
2
3
4
-40 C, St. Dev = 1.12
°
25 C, St. Dev = 1.01
°
125 C, St. Dev = 1.05
°
0
1
2
3
4
5
6
7
8
9
10
–50
–25
0
25
50
75
100
125
Temperature (°C)
3.3 V
1.9 V
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
D002
Data Distribution (LSB)
0
10
20
30
40
50
60
70
80
-4
-3
-2
-1
0
1
2
3
4
V = +1.9 V, St. Dev = 0.91
V = +3.3 V, St. Dev = 1.01
V = +5 V, St. Dev = 0.96
Temperature (qC)
-55
-25
5
35
65
95
125
150
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
D000
Average
Avg r3V
Min/Max Limit
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
-40
-30
-20
-10
0
10
20
30
40
50
60
70
D001
1 Shot, No Conv Cycles
8 Averages, Conv Cycle = 1 s
1 Conversion, Conv Cycle = 500 ms
7
TMP117
www.ti.com
SNOSD82 – JUNE 2018
Product Folder Links: TMP117
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.8 Typical Characteristics
at TA = 25°C, V+ = 3.3 V, and measurement taken in oil bath (unless otherwise noted)
1-Hz conversion cycle, 8 averages mode
Figure 2. Temperature Error vs Temperature
Figure 3. Temperature Error vs Supply Voltage
Continuous conversion, no conversion cycle in still air
Figure 4. Temperature Error vs Supply Voltage
Figure 5. Data Reading Distribution Over Supply Voltage
(No Averaging)
Figure 6. Data Reading Distribution Over Temperature
(No Averaging)
Serial bus inactive
Figure 7. Quiescent Current in Shutdown Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com