Electronic Components Datasheet Search
  English  ▼

X  

TMP117MAIDRVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117MAIDRVT
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP117MAIDRVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP117MAIDRVT Datasheet HTML 4Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 5Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 6Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 7Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 8Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 9Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 10Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 11Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
Vin / V+ (%)
0
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
250
300
D021
3.3 V
2 V
Sink Current (mA)
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D022
1.9 V
2 V
3.3 V
Temperature (°C)
-55
-25
5
35
65
95
125
150
-5
-4
-3
-2
-1
0
1
2
3
4
5
1.9 V
3.3 V
Bus Frequency (MHz)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
5
10
15
20
25
30
35
40
45
D010
3.3 V
1.9 V
0
1
2
3
4
5
6
7
8
9
10
–50
–25
0
25
50
75
100
125
Temperature (°C)
3.3 V
1.9 V
8
TMP117
SNOSD82 – JUNE 2018
www.ti.com
Product Folder Links: TMP117
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, V+ = 3.3 V, and measurement taken in oil bath (unless otherwise noted)
Serial bus inactive
Figure 8. Quiescent Current in Standby Mode
SCL, SDA, ADD0 pins are constantly clocked
Figure 9. Quiescent Current in Shutdown Mode
Normalized to 25°C and V+ = 3.3 V
Figure 10. Active Conversion Time vs Temperature
Figure 11. ALERT Pin Output Voltage vs Pin Sink Current
Input voltage of SCL, SDA, or ADD0 pin
Figure 12. Supply Current vs Input Cell Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com