| Electronic Components Datasheet Search |
|
TMP117MAIDRVT Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMP117MAIDRVT Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 45 page ![]() High Limit Low Limit Conversion Completed HIGH_Alert Status Flag LOW_Alert Status Flag Configuration Register I 2C Read ALERT Pin (POL = 0) SMBus Alert Response Command Actual Temperature 13 TMP117 www.ti.com SNOSD82 – JUNE 2018 Product Folder Links: TMP117 Submit Documentation Feedback Copyright © 2018, Texas Instruments Incorporated Device Functional Modes (continued) 7.4.2.1 Alert Mode When the T/nA bit in the configuration register is set to 0, the device is in alert mode. In this mode, the device compares the conversion result at the end of every conversion with the values in the low limit register and high limit register. If the temperature result exceeds the value in the high limit register, the HIGH_Alert status flag in the configuration register is set. On the other hand, if the temperature result is lower than the value in the low limit register, the LOW_Alert status flag in the configuration register is set. As shown in Figure 17, the user can run an I2C read transaction on the configuration register to clear the status flags in alert mode. When a user configures the device in alert mode, it affects the behaviour of the ALERT pin. The device asserts the ALERT pin in this mode when either the HIGH_Alert or the LOW_Alert status flag is set, as shown in Figure 17. The user can either run an I2C read of the configuration register (which also clears the status flags) or run an SMBus alert response command (see the SMBus Alert Function section) to deassert the ALERT pin. The polarity of the ALERT pin can be changed by using the POL bit setting in the configuration register. This mode effectively makes the device behave like a window limit detector. Thus this mode can be used in applications where detecting if the temperature goes outside of the specified range is necessary. Figure 17. Alert Mode Timing Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |