Electronic Components Datasheet Search
  English  ▼

X  

MMDS09254HT1 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MMDS09254HT1
Description  Advanced Doherty Alignment Module (ADAM)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMDS09254HT1 Datasheet(HTML) 2 Page - NXP Semiconductors

  MMDS09254HT1 Datasheet HTML 1Page - NXP Semiconductors MMDS09254HT1 Datasheet HTML 2Page - NXP Semiconductors MMDS09254HT1 Datasheet HTML 3Page - NXP Semiconductors MMDS09254HT1 Datasheet HTML 4Page - NXP Semiconductors MMDS09254HT1 Datasheet HTML 5Page - NXP Semiconductors MMDS09254HT1 Datasheet HTML 6Page - NXP Semiconductors MMDS09254HT1 Datasheet HTML 7Page - NXP Semiconductors MMDS09254HT1 Datasheet HTML 8Page - NXP Semiconductors MMDS09254HT1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
RF Device Data
Freescale Semiconductor, Inc.
MMDS09254HT1
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Supply Voltage
VDD
6
V
Logic Inputs (SCLK, LCLK, LEN, PUP, SDI)
Vin
--0.5 to +3.63
V
RF Input Power (CW)
Pin
25
dBm
Storage Temperature Range
Tstg
--65 to +150
C
Junction Temperature
TJ
150
C
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Min
Max
Unit
Supply Voltage
VDD
4.5
5.5
V
DC Input Voltage (SCLK, LCLK, LEN, SDI)
Vin
0
3.3
V
Table 3. Electrical Characteristics (VDD = 5 Vdc, 900 MHz, TA =25C, 50 ohm system, in Freescale Application Circuit)
Characteristic
Symbol
Min
Typ
Max
Unit
Insertion Loss (Includes 3 dB power division and 2.5 dB loss)
IL
—
5.5
—
dB
Max Transition Time (Rising Edge of LCLK to RFout)
ttransition
—
350
—
ns
Power Input @ 1dB Compression
P1dB
—
35
—
dBm
Supply Current
IDD
10
11
12
mA
Isolation (S32)
|S32|
—
25
—
dB
Input Return Loss (S11)
IRL
—
15
—
dB
Output Return Loss (S22, S33)
ORL
—
15
—
dB
Third Order Output Intercept Point
OIP3
—
45
—
dBm
Phase Step

—
7
—
/bit
Phase Control Range

—
49
—
Attenuation Step
R
—
0.5
—
dB/bit
Attenuation Control Range
R
—
7.5
—
dB
Max Input Voltage Logic Low
VIL
—
—
0.4
V
Min Input Voltage Logic High
VIH
1.6
—
—
V
SDO Output Voltage High
VOH
1.8(1)
—
0.6  VDD
V
SDO Output Voltage Low
VOL
0
—
0.4
V
Clock Frequency (50% Duty Cycle)
fSCLK
—
—
26
MHz
1. Load = 20 pF @ maximum clock frequency.
Table 4. Thermal Characteristics
Characteristics
Symbol
Value (2)
Unit
Thermal Resistance, Junction to Case
Case Temperature 105C, Pout = 0.02 W, Maximum Phase and
Attenuation State, Pin = 25 dBm CW, 900 MHz, VDD =5 Vdc,
IDD =11 mA
RJC
15
C/W
Table 5. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
1B
Machine Model (per EIA/JESD22--A115)
A
Charge Device Model (per JESD22--C101)
III
Table 6. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD22--A113, IPC/JEDEC J--STD--020
3
260
C
2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf and search for AN1955.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com