Electronic Components Datasheet Search
  English  ▼

X  

MMDS09254HT1 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MMDS09254HT1
Description  Advanced Doherty Alignment Module (ADAM)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMDS09254HT1 Datasheet(HTML) 1 Page - NXP Semiconductors

  MMDS09254HT1 Datasheet HTML 1Page - NXP Semiconductors MMDS09254HT1 Datasheet HTML 2Page - NXP Semiconductors MMDS09254HT1 Datasheet HTML 3Page - NXP Semiconductors MMDS09254HT1 Datasheet HTML 4Page - NXP Semiconductors MMDS09254HT1 Datasheet HTML 5Page - NXP Semiconductors MMDS09254HT1 Datasheet HTML 6Page - NXP Semiconductors MMDS09254HT1 Datasheet HTML 7Page - NXP Semiconductors MMDS09254HT1 Datasheet HTML 8Page - NXP Semiconductors MMDS09254HT1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MMDS09254HT1
1
RF Device Data
Freescale Semiconductor, Inc.
Advanced Doherty Alignment
Module (ADAM)
The MMDS09254H is an integrated module designed for use in base station
transmitters in conjunction with high power Doherty amplifiers. The device is
designed to enable accurate alignment of phase and amplitude on the carrier
and peaking amplifiers to ensure performance consistency, in particular for
asymmetric implementations. The MMDS09254H enables superior
linearity--efficiency trade--off while improving output power. It contains a 90
coupler, digitally selectable phase shifters and step attenuators, and operates
from a single voltage supply. The MMDS09254H is suitable for transmit
protocols such as GSM, W--CDMA, UMTS and LTE using frequencies from 700
to 1000 MHz, and is controlled using a serial peripheral interface (SPI).
Features
 Frequency: 700--1000 MHz
 Maximum RF Input Power: 25 dBm (CW)
 Low Loss Power Splitter
 0.5 dB Step Programmable Attenuators with 7.5 dB Maximum Range
 7 per Bit Phase Shifters with 49 Maximum Range
 Power up into a Selectable State
 Single 5 Volt Supply
 Supply Current: 12 mA
 50 Ohm Operation (no external matching required)
 TTL/CMOS/SPI Interface (1.8 V, 3.3 V Logic)
 Cost--effective 32--pin, 6 mm QFN Surface Mount Plastic Package
 In Tape and Reel. T1 Suffix = 1000 Units, 16 mm Tape Width, 7--inch Reel.
Figure 1. Functional Block Diagram
RFout2
RFout1
VDD
SDO
LEN
LCLK
SCLK
SDI
PUP
BYP
0
RFin
--90
0to --49
0to --49
0to7.5 dB
0to7.5 dB
SERIAL DIGITAL INTERFACE
GND
Document Number: MMDS09254H
Rev. 0, 8/2015
Freescale Semiconductor
Technical Data
700--1000 MHz
ADAM — ADVANCED DOHERTY
ALIGNMENT MODULE
MMDS09254HT1
QFN 6  6
 Freescale Semiconductor, Inc., 2015. All rights reserved.


Similar Part No. - MMDS09254HT1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMDS05 NXP-MMDS05 Datasheet
1Mb / 8P
Motorola Modular Development System
More results

Similar Description - MMDS09254HT1

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-5510EKWTP ADVANTECH-ADAM-5510EKWTP Datasheet
69Kb / 1P
ADAM-5510EKW-TP
logo
Anaren Microwave
X3DC07E2 ANAREN-X3DC07E2 Datasheet
427Kb / 7P
Doherty Combiner
X3DC18E2S ANAREN-X3DC18E2S Datasheet
432Kb / 7P
Doherty Combiner
X3DC19P1S ANAREN-X3DC19P1S Datasheet
440Kb / 7P
Doherty Combiner
X3DC21E2 ANAREN-X3DC21E2 Datasheet
419Kb / 5P
Doherty Combiner
logo
Advantech Co., Ltd.
ADAM-2510Z ADVANTECH-ADAM-2510Z_15 Datasheet
295Kb / 1P
ADAM-4050_15
logo
Adam Technologies, Inc.
CA-MINIDP-VGAF-XFT ADAM-TECH-CA-MINIDP-VGAF-XFT Datasheet
158Kb / 1P
ADAM TECH
logo
NXP Semiconductors
MMDS20254H NXP-MMDS20254H Datasheet
554Kb / 16P
Advanced Doherty Alignment Module (ADAM)
Rev. 2, 1/2015
MMDS25254H NXP-MMDS25254H Datasheet
561Kb / 16P
Advanced Doherty Alignment Module (ADAM)
Rev. 1, 1/2015
MMDS36254H NXP-MMDS36254H Datasheet
495Kb / 17P
Advanced Doherty Alignment Module (ADAM)
Rev. 0, 01/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com