Electronic Components Datasheet Search
  English  ▼

X  

ADCLK905 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCLK905
Description  Ultrafast SiGe ECL Clock/Data Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK905 Datasheet(HTML) 1 Page - Analog Devices

  ADCLK905 Datasheet HTML 1Page - Analog Devices ADCLK905 Datasheet HTML 2Page - Analog Devices ADCLK905 Datasheet HTML 3Page - Analog Devices ADCLK905 Datasheet HTML 4Page - Analog Devices ADCLK905 Datasheet HTML 5Page - Analog Devices ADCLK905 Datasheet HTML 6Page - Analog Devices ADCLK905 Datasheet HTML 7Page - Analog Devices ADCLK905 Datasheet HTML 8Page - Analog Devices ADCLK905 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Ultrafast SiGe
ECL Clock/Data Buffers
Data Sheet
ADCLK905/ADCLK907/ADCLK925
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevices for itsuse,nor foranyinfringementsofpatentsor other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
95 ps propagation delay
7.5 GHz toggle rate
60 ps typical output rise/fall
60 fs random jitter (RJ)
On-chip terminations at both input pins
Extended industrial temperature range: −40°C to +125°C
2.5 V to 3.3 V power supply (VCC − VEE)
APPLICATIONS
Clock and data signal restoration and level shifting
Automated test equipment (ATE)
High speed instrumentation
High speed line receivers
Threshold detection
Converter clocking
GENERAL DESCRIPTION
The ADCLK905 (one input, one output), ADCLK907 (dual one
input, one output), and ADCLK925 (one input, two outputs) are
ultrafast clock/data buffers fabricated on the Analog Devices, Inc.,
proprietary XFCB3 silicon germanium (SiGe) bipolar process.
The ADCLK905/ADCLK907/ADCLK925 feature full-swing
emitter coupled logic (ECL) output drivers. For PECL (positive
ECL) operation, bias VCC to the positive supply and VEE to ground.
For NECL (negative ECL) operation, bias VCC to ground and
VEE to the negative supply.
The buffers offer 95 ps propagation delay, 7.5 GHz toggle rate,
10 Gbps data rate, and 60 fs random jitter (RJ).
The inputs have center tapped, 100 Ω, on-chip termination
resistors. A VREF pin is available for biasing ac-coupled inputs.
The ECL output stages are designed to directly drive 800 mV
each side into 50 Ω terminated to VCC − 2 V for a total
differential output swing of 1.6 V.
The ADCLK905/ADCLK907/ADCLK925 are available in
16-lead LFCSP packages.
TYPICAL APPLICATION CIRCUITS
D
D
Q
VCC
VEE
VT
Q
VREF
Figure 1. ADCLK905 ECL 1:1 Clock/Data Buffer
D1
D1
Q1
VCC
VEE
VT1
Q1
VREF1
D2
Q2
VCC
VEE
VT2
D2
VREF2
Q2
Figure 2. ADCLK907 ECL Dual 1:1 Clock/Data Buffer
D
D
VCC
VEE
VT
VREF
Q1
Q1
Q2
Q2
Figure 3. ADCLK925 ECL 1:2 Clock/Data Fanout Buffer


Similar Part No. - ADCLK905

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCLK905 AD-ADCLK905 Datasheet
1Mb / 16P
Ultrafast SiGe ECL Clock/Data Buffers
REV. 0
ADCLK905 AD-ADCLK905_15 Datasheet
1Mb / 16P
Ultrafast SiGe ECL Clock/Data Buffers
REV. 0
More results

Similar Description - ADCLK905

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP580 AD-ADCMP580 Datasheet
305Kb / 16P
Ultrafast SiGe Voltage Comparator
Jun-2004
ADCLK925BCPZ-WP AD-ADCLK925BCPZ-WP Datasheet
1Mb / 16P
Ultrafast SiGe ECL Clock/Data Buffers
REV. 0
ADCLK905 AD-ADCLK905 Datasheet
1Mb / 16P
Ultrafast SiGe ECL Clock/Data Buffers
REV. 0
ADCLK914BCPZ-WP AD-ADCLK914BCPZ-WP Datasheet
304Kb / 12P
Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
REV. A
ADCLK905 AD-ADCLK905_15 Datasheet
1Mb / 16P
Ultrafast SiGe ECL Clock/Data Buffers
REV. 0
ADCLK907 AD-ADCLK907_15 Datasheet
1Mb / 16P
Ultrafast SiGe ECL Clock/Data Buffers
REV. 0
ADCLK925 AD-ADCLK925_15 Datasheet
1Mb / 16P
Ultrafast SiGe ECL Clock/Data Buffers
REV. 0
logo
ON Semiconductor
MC10EP52 ONSEMI-MC10EP52_16 Datasheet
189Kb / 11P
ECL Differential Data and Clock D Flip?륡lop
August, 2016 ??Rev. 8
NBSG14 ONSEMI-NBSG14_14 Datasheet
397Kb / 12P
SiGe Differential 1:4 Clock/Data Driver
June, 2014 ??Rev. 17
logo
Analog Devices
ADCLK914 AD-ADCLK914 Datasheet
302Kb / 11P
Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
9/2017-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com