Electronic Components Datasheet Search
  English  ▼

X  

ADCLK905 Datasheet(PDF) 10 Page - Analog Devices

Part # ADCLK905
Description  Ultrafast SiGe ECL Clock/Data Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK905 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADCLK905 Datasheet HTML 6Page - Analog Devices ADCLK905 Datasheet HTML 7Page - Analog Devices ADCLK905 Datasheet HTML 8Page - Analog Devices ADCLK905 Datasheet HTML 9Page - Analog Devices ADCLK905 Datasheet HTML 10Page - Analog Devices ADCLK905 Datasheet HTML 11Page - Analog Devices ADCLK905 Datasheet HTML 12Page - Analog Devices ADCLK905 Datasheet HTML 13Page - Analog Devices ADCLK905 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADCLK905/ADCLK907/ADCLK925
Data Sheet
Rev. B | Page 10 of 16
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1
2
3
4
–55°C
+25°C
+125°C
SUPPLY VOLTAGE (V)
Figure 13. VOD vs. Power Supply Voltage
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
3.0
3.5
2.5
4.0
POWER SUPPLY VOLTAGE (V)
–55°C
+25°C
+125°C
–55°C
+25°C
+125°C
Figure 14. Power Supply Current vs. Power Supply Voltage, ADCLK905
–55°C
+25°C
+125°C
90
95
100
105
110
1.6
2.1
2.6
3.1
3.6
INPUT COMMON MODE (V)
Figure 15. Propagation Delay vs. VICM; Input Swing = 200 mV
0
1
2
3
4
0
0.01
0.02
0.03
0.04
0.05
0.06
0.09
0.08
0.07
SUPPLY VOLTAGE (V)
–55°C
+25°C
+125°C
+25°C
+125°C
–55°C
Figure 16. Power Supply Current vs. Supply Voltage, ADCLK925
94
95
96
97
98
99
100
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VID (V)
Figure 17. Propagation Delay vs. VID
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
FREQUENCY (GHz)
Figure 18. Toggle Rate, Differential Output Swing vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com