Electronic Components Datasheet Search
  English  ▼

X  

ADCLK925 Datasheet(PDF) 4 Page - Analog Devices

Part # ADCLK925
Description  Ultrafast SiGe ECL Clock/Data Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK925 Datasheet(HTML) 4 Page - Analog Devices

  ADCLK925 Datasheet HTML 1Page - Analog Devices ADCLK925 Datasheet HTML 2Page - Analog Devices ADCLK925 Datasheet HTML 3Page - Analog Devices ADCLK925 Datasheet HTML 4Page - Analog Devices ADCLK925 Datasheet HTML 5Page - Analog Devices ADCLK925 Datasheet HTML 6Page - Analog Devices ADCLK925 Datasheet HTML 7Page - Analog Devices ADCLK925 Datasheet HTML 8Page - Analog Devices ADCLK925 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADCLK905/ADCLK907/ADCLK925
Data Sheet
Rev. B | Page 4 of 16
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
Supply Voltage Requirement
VCC − VEE
2.375
3.63
V
2.5 V − 5% to 3.3 V + 10%
Power Supply Current
Static
ADCLK905
Negative Supply Current
IVEE
24
mA
VCC − VEE = 2.5 V
25
40
mA
VCC − VEE = 3.3 V
± 10%
Positive Supply Current
IVCC
47
mA
VCC − VEE = 2.5 V
48
63
mA
VCC − VEE = 3.3 V
± 10%
ADCLK907
Negative Supply Current
IVEE
48
mA
VCC − VEE = 2.5 V
50
80
mA
VCC − VEE = 3.3 V
± 10%
Positive Supply Current
IVCC
94
mA
VCC − VEE = 2.5 V
96
126
mA
VCC − VEE = 3.3 V
± 10%
ADCLK925
Negative Supply Current
IVEE
29
mA
VCC − VEE = 2.5 V
31
51
mA
VCC − VEE = 3.3 V
± 10%
Positive Supply Current
IVCC
76
mA
VCC − VEE = 2.5 V
77
97
mA
VCC − VEE = 3.3 V
± 10%
Power Supply Rejection1
PSRVCC
3
ps/V
VCC − VEE = 3.0 V ± 20%
Output Swing Supply Rejection2
PSRVCC
26
dB
VCC − VEE = 3.0 V ± 20%
1 Change in TPD per change in VCC.
2 Change in output swing per change in VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com