Electronic Components Datasheet Search
  English  ▼

X  

ADCLK925 Datasheet(PDF) 7 Page - Analog Devices

Part # ADCLK925
Description  Ultrafast SiGe ECL Clock/Data Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK925 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADCLK925 Datasheet HTML 3Page - Analog Devices ADCLK925 Datasheet HTML 4Page - Analog Devices ADCLK925 Datasheet HTML 5Page - Analog Devices ADCLK925 Datasheet HTML 6Page - Analog Devices ADCLK925 Datasheet HTML 7Page - Analog Devices ADCLK925 Datasheet HTML 8Page - Analog Devices ADCLK925 Datasheet HTML 9Page - Analog Devices ADCLK925 Datasheet HTML 10Page - Analog Devices ADCLK925 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADCLK905/ADCLK907/ADCLK925
Rev. B | Page 7 of 16
D1
D1
D2
D2
Q1
Q1
Q2
Q2
12
11
10
1
3
4
9
2
ADCLK907
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD. THE EXPOSED PAD IS NOT ELECTRICALLY CONNECTED TO ANY PART OF THE CIRCUIT.
IT CAN BE LEFT FLOATING FOR OPTIMAL ELECTRICAL ISOLATION BETWEEN THE PACKAGE HANDLE
AND THE SUBSTRATE OF THE DIE. IT CAN ALSO BE SOLDERED TO THE APPLICATION BOARD IF IMPROVED
THERMAL AND/OR MECHANICAL STABILITY IS DESIRED. EXPOSED METAL AT THE CORNERS OF THE PACKAGE
IS CONNECTED TO THIS EXPOSED PAD. ALLOW SUFFICIENT CLEARANCE TO VIAS AND OTHER COMPONENTS.
Figure 5. ADCLK907 Pin Configuration
Table 5. Pin Function Descriptions for Dual 1:1 ADCLK907 Buffer
Pin No.
Mnemonic
Description
1
D1
Noninverting Input 1.
2
D1
Inverting Input 1.
3
D2
Noninverting Input 2.
4
D2
Inverting Input 2.
5
VT2
Center Tap 2. Center tap of 100 Ω input resistor, Channel 2.
6
VREF2
Reference Voltage 2. Reference voltage for biasing ac-coupled inputs, Channel 2.
7, 14
VEE
Negative Supply Voltage.
8, 13
VCC
Positive Supply Voltage. Pin 8 and Pin 13 are not strapped internally.
9
Q2
Inverting Output 2.
10
Q2
Noninverting Output 2.
11
Q1
Inverting Output 1.
12
Q1
Noninverting Output 1.
15
VREF1
Reference Voltage 1. Reference voltage for biasing ac-coupled inputs, Channel 1.
16
VT1
Center Tap 1. Center tap of 100 Ω input resistor, Channel 1.
EPAD
Exposed Pad. The exposed pad is not electrically connected to any part of the circuit. It can be left floating for
optimal electrical isolation between the package handle and the substrate of the die. It can also be soldered to
the application board if improved thermal and/or mechanical stability is desired. Exposed metal at the corners
of the package is connected to this exposed pad. Allow sufficient clearance to vias and other components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com