Electronic Components Datasheet Search
  English  ▼

X  

MML09211HT1 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # MML09211HT1
Description  Low Noise Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MML09211HT1 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button MML09211HT1 Datasheet HTML 10Page - NXP Semiconductors MML09211HT1 Datasheet HTML 11Page - NXP Semiconductors MML09211HT1 Datasheet HTML 12Page - NXP Semiconductors MML09211HT1 Datasheet HTML 13Page - NXP Semiconductors MML09211HT1 Datasheet HTML 14Page - NXP Semiconductors MML09211HT1 Datasheet HTML 15Page - NXP Semiconductors MML09211HT1 Datasheet HTML 16Page - NXP Semiconductors MML09211HT1 Datasheet HTML 17Page - NXP Semiconductors MML09211HT1 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
RF Device Data
Freescale Semiconductor, Inc.
MML09211HT1
50 OHM TYPICAL CHARACTERISTICS: 1400 MHz
Figure 27. Noise Figure versus Frequency
f, FREQUENCY (MHz)
1.4
0.4
0.8
1.2
1300
0.6
0.2
1
VDD =5 Vdc
0
1340
1380
1420
1460
1500
Figure 28. Third Order Output Intercept Point
(Two--Tone) versus Frequency
f, FREQUENCY (MHz)
35
30
32
34
31
29
33
28
1300
1340
1380
1420
1460
1500
VDD =5 Vdc
1 MHz Tone Spacing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com