Electronic Components Datasheet Search
  English  ▼

X  

MML09211HT1 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MML09211HT1
Description  Low Noise Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MML09211HT1 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MML09211HT1 Datasheet HTML 3Page - NXP Semiconductors MML09211HT1 Datasheet HTML 4Page - NXP Semiconductors MML09211HT1 Datasheet HTML 5Page - NXP Semiconductors MML09211HT1 Datasheet HTML 6Page - NXP Semiconductors MML09211HT1 Datasheet HTML 7Page - NXP Semiconductors MML09211HT1 Datasheet HTML 8Page - NXP Semiconductors MML09211HT1 Datasheet HTML 9Page - NXP Semiconductors MML09211HT1 Datasheet HTML 10Page - NXP Semiconductors MML09211HT1 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MML09211HT1
7
RF Device Data
Freescale Semiconductor, Inc.
50 OHM APPLICATION CIRCUIT: 400 MHz
RF
INPUT
Figure 13. MML09211HT1 Test Circuit Schematic
BIAS
CIRCUIT
C1
C9
L1
VDD
RF
OUTPUT
1
2
3
8
6
4
5
C7
R2
C5
C8
C6
R1
L2
N.C.
C3
C4
L3
7
C2
Table 9. MML09211HT1 Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C2
100 pF Chip Capacitors
GRM1555C1H101JA01D
Murata
C3, C5
390 pF Chip Capacitors
GRM1555C1H391JA01D
Murata
C4
0.1 F Chip Capacitor
GRM155R71C104KA88D
Murata
C6, C7
56 pF Chip Capacitors
GRM155C1H560JA01D
Murata
C8, C9
0.01 F Chip Capacitors
GRM155R71E103KA01D
Murata
L1
22 nH Chip Inductor
0402CS--22NXGL
Coilcraft
L2
24 nH Chip Inductor
0402CS--24NXGL
Coilcraft
L3
4.3 nH Chip Inductor
0402CS--4N3XGL
Coilcraft
R1
100 , 1/16 W Chip Resistor
RC0402FR--07100RL
Yageo
R2
1210 , 1/16 W Chip Resistor
RC0402FR--071K21L
Yageo
PCB
0.010, r = 3.38, Multilayer
IS680--3.38
Isola



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com