Electronic Components Datasheet Search
  English  ▼

X  

FH40 Datasheet(PDF) 2 Page - Hirose Electric

Part # FH40
Description  0.5mm Pitch, 5.8mm above the board, vertical connectors for FPC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH40 Datasheet(HTML) 2 Page - Hirose Electric

  FH40 Datasheet HTML 1Page - Hirose Electric FH40 Datasheet HTML 2Page - Hirose Electric FH40 Datasheet HTML 3Page - Hirose Electric FH40 Datasheet HTML 4Page - Hirose Electric FH40 Datasheet HTML 5Page - Hirose Electric FH40 Datasheet HTML 6Page - Hirose Electric FH40 Datasheet HTML 7Page - Hirose Electric FH40 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FH40 Series
●0.5mm Pitch, 5.8mm above the board, vertical connectors for FPC
2
■Product Specifications
Ratings
Current rating : 0.5A DC(Note 1)
Voltage rating : 50Vrms AC
Operating Temperature Range : −40 to +105ç (Note 2)
Operating Humidity Range : Relative humidity 90% max.
(No condensation)
Storage Temperature Range : −10 to +50ç (Note 2)
Storage Humidity Range : Relative humidity 90% max.
(No condensation)
Recommended FPC Thickness 0.3±0.05mm, Gold plated contact pads
Item
Specification
Conditions
1. Insulation resistance 500Mø min.
100V DC
2. Withstanding voltage No flashover or insulation breakdown
150Vrms AC / 1 minute
3. Contact resistance
50mø max.
Including FPC and FFC conductor resistance
1mA, (DC or 1000Hz)
4. Durability
Contact resistance : 50mø max.
No damage, cracks, or parts dislocation
20 cycles
5. Vibration
No electrical discontinuity of 1µs or longer
Contact resistance: 50mø max.
No damage, cracks, or parts dislocation
Frequency : 10 to 55Hz, single amplitude of 0.75mm,
10 cycles in each of the 3 axis.
6. Shock
No electrical discontinuity of 1µs or longer
No damage, cracks, or parts dislocation
Contact resistance : 50mø max.
Acceleration of 981m/s
2, 6ms duaration, sine
half-wave wavefrom 3 cycles in each of the 3
axis
7. Humidity(Steady state)
Contact resistance : 50mø max.
Insulation resistance : 50Mø min.
No damage, cracks, or parts dislocation
96 hours at 40ç and humidity of 90 to 95%
8. Temperature Cycle
Contact resistance : 50mø max.
Insulation resistance : 50Mø min.
No damage, cracks, or parts dislocation
Temperature : −40ç
→ +15ç to +35ç → +105ç → +15ç to +35ç
Time : 30
→ 2 to 3 → 30 → 2 to 3(minutes)
5 cycles
9. Resistance to Soldering heat
No deformation of
components affecting performance
Reflow : At the recommended temperature profile
Manual soldering : 350ç±5ç for 5 seconds
Note 1 : When passing the current through all of the contacts, use 70% of the rated current.
Note 2 : Includes temperature rise caused by current flow.
Note 3 : The term "storage" refers to products stored for a long period prior to mounting and use.
The operating temperature and humidity range covers the non-conducting condition of installed connectors in storage,
shipment or during transportation after board mounting.
■Materials / Finish
Part
Material
Finish
Remarks
Insulator
LCP
Color : Beige
UL94V-0
Color : Black
Contact
Phosphor bronze
Gold plated
–––––––
■Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
FH 40 - 50S - 0.5 SV (99)
qw
e
r
t
y
q Series Name
: FH
w Series No.
: 40
e Number of positions : 10 to 80
r Contact pitch
: 0.5mm
t SV
: SMT vertical mounting type
y Specifications
standard...Partial gold plating 1,000pcs/reel
(99)...Partial gold plating 500pcs/reel



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com