Electronic Components Datasheet Search
  English  ▼

X  

FH40 Datasheet(PDF) 3 Page - Hirose Electric

Part # FH40
Description  0.5mm Pitch, 5.8mm above the board, vertical connectors for FPC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH40 Datasheet(HTML) 3 Page - Hirose Electric

  FH40 Datasheet HTML 1Page - Hirose Electric FH40 Datasheet HTML 2Page - Hirose Electric FH40 Datasheet HTML 3Page - Hirose Electric FH40 Datasheet HTML 4Page - Hirose Electric FH40 Datasheet HTML 5Page - Hirose Electric FH40 Datasheet HTML 6Page - Hirose Electric FH40 Datasheet HTML 7Page - Hirose Electric FH40 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FH40 Series
●0.5mm Pitch, 5.8mm above the board, vertical connectors for FPC
3
(0.12)
(5.65)
4.65
3.55
1
B
1
1
Number of contacts indicator
0.5
C
(0.12)
Pin No.1
A (FPC insertion slot dimension)
Note 1 : The coplanarity of each terminal lead within specified dimension is 0.1mm Max.
Note 2 : Packaged on tape and reel only. Check packaging specification.
Note 3 : Slight variations in color of the plastic compounds do not affect form, fit or function of the connector.
Note 4 : After reflow, the terminal plating may change color, however this does not represent a quality issue.
■Connector Dimensions
Unit : mm
Part No.
HRS No.
No. of Contacts
A
B
C
FH40-10S-0.5SV
580-2104-6
10
5.57
8.2
4.5
FH40-20S-0.5SV
580-2105-9
20
10.57
13.2
9.5
FH40-24S-0.5SV
580-2106-1
24
12.57
15.2
11.5
FH40-30S-0.5SV
580-2108-7
30
15.57
18.2
14.5
FH40-40S-0.5SV
580-2107-4
40
20.57
23.2
19.5
FH40-45S-0.5SV
580-2101-8
45
23.07
25.7
22
FH40-50S-0.5SV
580-2100-5
50
25.57
28.2
24.5
FH40-60S-0.5SV
580-2109-0
60
30.57
33.2
29.5
FH40-64S-0.5SV
580-2102-0
64
32.57
35.2
31.5
FH40-80S-0.5SV
580-2103-3
80
40.57
43.2
39.5
Note 1 : Tape and reel packaging (1,000 pcs/reel, 500 pcs/reel).
Order by number of reels.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com