Electronic Components Datasheet Search
  English  ▼

X  

ICS307-03 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS307-03
Description  SERIALLY PROGRAMMABLE CLOCK SOURCE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS307-03 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS307-03 Datasheet HTML 6Page - Integrated Device Technology ICS307-03 Datasheet HTML 7Page - Integrated Device Technology ICS307-03 Datasheet HTML 8Page - Integrated Device Technology ICS307-03 Datasheet HTML 9Page - Integrated Device Technology ICS307-03 Datasheet HTML 10Page - Integrated Device Technology ICS307-03 Datasheet HTML 11Page - Integrated Device Technology ICS307-03 Datasheet HTML 12Page - Integrated Device Technology ICS307-03 Datasheet HTML 13Page - Integrated Device Technology ICS307-03 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
ICS307-03
SERIALLY PROGRAMMABLE CLOCK SOURCE
SER PROG CLOCK SYNTHESIZER
IDT® SERIALLY PROGRAMMABLE CLOCK SOURCE
13
ICS307-03
REV L 032911
Package Outline and Package Dimensions (16-pin TSSOP, 4.40 mm Body, 0.65 mm Pitch)
Package dimensions are kept current with JEDEC Publication No. 95
, MO-153
Ordering Information
"LF" suffix to the part number denotes Pb-Free configuration, RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes
no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No
other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications
such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not
recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT
does not authorize or warrant any IDT product for use in life support devices or critical medical instruments.
Part / Order Number
Marking
Shipping packaging
Package
Temperature
307G-03LF
307G03LF
Tubes
16-pin TSSOP
0 to +70° C
307G-03LFT
307G03LF
Tape and Reel
16-pin TSSOP
0 to +70° C
307GI-03LF
307GI03L
Tubes
16-pin TSSOP
-40 to +85° C
307GI-03LFT
307GI03L
Tape and Reel
16-pin TSSOP
-40 to +85° C
INDE X
AR EA
1
2
16
D
E1
E
SEATIN G
PLAN E
A
1
A
A
2
e
- C -
b
aaa C
c
L
*For reference only. Controlling dimensions in mm.
Millimeters
Inches*
Symbol
Min
Max
Min
Max
A--
1.20
--
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.05
0.032
0.041
b
0.19
0.30
0.007
0.012
C
0.09
0.20
0.0035
0.008
D
4.90
5.1
0.193
0.201
E
6.40 BASIC
0.252 BASIC
E1
4.30
4.50
0.169
0.177
e
0.65 Basic
0.0256 Basic
L
0.45
0.75
0.018
0.030
α
0°
8°
0°
8°
aaa
--
0.10
--
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com