Electronic Components Datasheet Search
  English  ▼

X  

AD9552BCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9552BCPZ
Description  Oscillator Frequency Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9552BCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9552BCPZ Datasheet HTML 15Page - Analog Devices AD9552BCPZ Datasheet HTML 16Page - Analog Devices AD9552BCPZ Datasheet HTML 17Page - Analog Devices AD9552BCPZ Datasheet HTML 18Page - Analog Devices AD9552BCPZ Datasheet HTML 19Page - Analog Devices AD9552BCPZ Datasheet HTML 20Page - Analog Devices AD9552BCPZ Datasheet HTML 21Page - Analog Devices AD9552BCPZ Datasheet HTML 22Page - Analog Devices AD9552BCPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
AD9552
Rev. E | Page 19 of 32
APPLICATIONS INFORMATION
THERMAL PERFORMANCE
Table 13. Thermal Parameters for the 32-Lead LFCSP Package
Symbol
Thermal Characteristic Using a JEDEC51-7 Plus JEDEC51-5 2S2P Test Board
1
Value
2
Unit
θ
JA
Junction-to-ambient thermal resistance, 0.0 m/sec airflow per JEDEC JESD51-2 (still air)
40.5
°C/W
θ
JMA
Junction-to-ambient thermal resistance, 1.0 m/sec airflow per JEDEC JESD51-6 (moving air)
35.4
°C/W
θ
JMA
Junction-to-ambient thermal resistance, 2.5 m/sec airflow per JEDEC JESD51-6 (moving air)
31.8
°C/W
θ
JB
Junction-to-board thermal resistance, 1.0 m/sec airflow per JEDEC JESD51-8 (moving air)
23.3
°C/W
θ
JC
Junction-to-case thermal resistance (die-to-heat sink) per MIL-Std 883, Method 1012.1
4.2
°C/W
Ψ
JT
Junction-to-top-of-package characterization parameter, 0 m/sec airflow per JEDEC JESD51-2 (still air)
0.4
°C/W
1 The exposed pad on the bottom of the package must be soldered to ground to achieve the specified thermal performance.
2 Results are from simulations. The PCB is a JEDEC multilayer type. Thermal performance for actual applications requires careful inspection of the conditions in the
application to determine whether they are similar to those assumed in these calculations.
The AD9552 is specified for an ambient temperature (T
A). To
ensure that T
A is not exceeded, an airflow source can be used.
Use the following equation to determine the junction tempera-
ture on the application PCB:
T
J = TCASE + (ΨJT × PD)
where:
T
J is the junction temperature (°C).
T
CASE is the case temperature (°C) measured by the customer
at the top center of the package.
Ψ
JT is the value indicated in Table 13.
P
D is the power dissipation (see the Specifications section).
Values of θ
JA are provided for package comparison and PCB design
considerations. θ
JA can be used for a first-order approximation
of T
J using the following equation:
T
J = TA + (θJA × PD)
where T
A is the ambient temperature (°C).
Values of θ
JC are provided for package comparison and PCB
design considerations when an external heat sink is required.
Values of θ
JB are provided for package comparison and PCB
design considerations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com