| Electronic Components Datasheet Search |
|
AD9552BCPZ Datasheet(PDF) 22 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9552BCPZ Datasheet(HTML) 22 Page - Analog Devices |
|
22 / 32 page ![]() AD9552 Data Sheet Rev. E | Page 22 of 32 CS SCLK DON'T CARE SDIO A12 W0 W1 R/W A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 DON'T CARE DON'T CARE DON'T CARE 16-BIT INSTRUCTION HEADER REGISTER (N) DATA REGISTER (N – 1) DATA Figure 24. Serial Control Port Write—MSB First, 16-Bit Instruction, Two Bytes Data CS SCLK SDIO REGISTER (N) DATA 16-BIT INSTRUCTION HEADER REGISTER (N – 1) DATA REGISTER (N – 2) DATA REGISTER (N – 3) DATA A12 W0 W1 R/W A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 DON'T CARE DON'T CARE D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 Figure 25. Serial Control Port Read—MSB First, 16-Bit Instruction, Four Bytes Data tS DON'T CARE DON'T CARE W1 W0 A12 A11 A10 A9 A8 A7 A6 A5 D4 D3 D2 D1 D0 DON'T CARE DON'T CARE R/W tDS tDH tHIGH tLOW tCLK tH CS SCLK SDIO Figure 26. Serial Control Port Write—MSB First, 16-Bit Instruction, Timing Measurements DATA BIT N – 1 DATA BIT N CS SCLK SDIO tDV Figure 27. Timing Diagram for Serial Control Port Register Read CS SCLK DON'T CARE DON'T CARE 16-BIT INSTRUCTION HEADER REGISTER (N) DATA REGISTER (N + 1) DATA SDIO DON'T CARE DON'T CARE A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 D1 D0 R/W W1 W0 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6 D7 Figure 28. Serial Control Port Write—LSB First, 16-Bit Instruction, Two Bytes Data SCLK SDIO tHIGH tLOW tCLK tS tDS tDH tH BIT N BIT N + 1 CS Figure 29. Serial Control Port Timing—Write |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |