Electronic Components Datasheet Search
  English  ▼

X  

AD9577 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9577
Description  Clock Generator with Dual PLLs, Spread Spectrum, and Margining
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9577 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9577 Datasheet HTML 27Page - Analog Devices AD9577 Datasheet HTML 28Page - Analog Devices AD9577 Datasheet HTML 29Page - Analog Devices AD9577 Datasheet HTML 30Page - Analog Devices AD9577 Datasheet HTML 31Page - Analog Devices AD9577 Datasheet HTML 32Page - Analog Devices AD9577 Datasheet HTML 33Page - Analog Devices AD9577 Datasheet HTML 34Page - Analog Devices AD9577 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
Data Sheet
AD9577
Rev. A | Page 31 of 44
Table 21.PLL2 Output Driver Format Control Bits,
Register DR1[5:3]
FORMAT2 (PLL2)
Register DR1[5:3]
OUT3P/OUT3N
OUT2P/OUT2N
000
LVPECL
LVPECL
001
LVDS
LVDS
010
2 × CMOS
LVPECL
011
2 × CMOS
2 × CMOS
100
2 × CMOS
LVDS
101
LVPECL
LVDS
110
LVPECL
2 × CMOS
1111
2 × CMOS
2 × CMOS
1 This indicates that the CMOS outputs are in phase; otherwise, they are in
antiphase.
LVDS uses a current mode output stage. The normal value
(default) for this current is 3.5 mA, which yields a 350 mV
output swing across a 100 Ω resistor. The LVDS outputs meet or
exceed all ANSI/TIA/EIA-644 specifications. The LVDS output
buffer should be terminated with a 100 Ω differential resistor
between the receiver input ports (see Figure 38). A recommended
termination circuit for the LVDS outputs is shown in Figure 38.
50Ω
50Ω
LVDS
100Ω
LVDS
Figure 38. LVDS Output Termination
See the AN-586 Application Note, LVDS Outputs for High Speed
A/D Converters, for more information about LVDS.
In a dc-coupled application, the LVPECL output buffer must be
terminated via a pair of 50 Ω resistors to a voltage of VCC − 2 V.
This can be implemented by using potential dividers of 127 Ω
and 83 Ω between the supplies, as shown in Figure 39.
3.3V
50Ω
50Ω
SINGLE-ENDED
(NOT COUPLED)
3.3V
3.3V
LVPECL
127Ω
127Ω
83Ω
83Ω
VT = VDD – 2V
LVPECL
Figure 39. LVPECL DC-Coupled Termination
An alternative LVPECL termination scheme for dc-coupled
applications is shown Figure 40.
50Ω
50Ω
LVPECL
50Ω
50Ω
50Ω
LVPECL
Figure 40. LVPECL DC-Coupled Y-Termination
In ac-coupled applications, the LVPECL output stage needs a
pair of 200 Ω pull-down resistors to GND to provide a dc path for
the output stage emitter followers (see Figure 41). The receiver must
provide an additional 50 Ω single-ended input termination.
50Ω
50Ω
LVPECL
50Ω
50Ω
200Ω
200Ω
LVPECL
VTERM
0.1µF
0.1µF
Figure 41. LVPECL AC-Coupled Termination
REFERENCE OUTPUT BUFFER
A CMOS buffered copy of the reference input circuit signal is
available at the REFOUT pin. This buffer can be optionally
powered down by setting Register DR2[0], PDRefOut to Logic 0.
PLL1 INTEGER-N PLL
The upper PLL in Figure 32, PLL1, is an integer-N PLL with a
loop bandwidth of 140 kHz. The input frequency to the PLL
from the reference circuit is fPFD. The VCO frequency, fVCO1, is
programmed by setting the value for Na, according to
fVCO1 = fPFD × Na
(3)
where Na is programmable in the 80 to 131 range. The VCO
output frequency can tune over the 2.15 GHz to 2.55 GHz range to
integer multiples of the PFD input frequency only.
By setting each of the VCO divider (V0 and V1) and output
divider (D0 and D1) values, the VCO frequency can be divided
down to the required output frequency, independently, for each
of the output ports, OUT0 and OUT1. The fOUT0 frequency
presented to OUT0 can be set according to
D0
V0
Na
f
f
PFD
OUT
×
×
=
0
(4)
The frequency fOUT1 presented to OUT1 can be set according to
1
1
1
D
V
Na
f
f
PFD
OUT
×
×
=
(5)
The loop filters required for this PLL are integrated on chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com