Electronic Components Datasheet Search
  English  ▼

X  

AD9577 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9577
Description  Clock Generator with Dual PLLs, Spread Spectrum, and Margining
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9577 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9577 Datasheet HTML 31Page - Analog Devices AD9577 Datasheet HTML 32Page - Analog Devices AD9577 Datasheet HTML 33Page - Analog Devices AD9577 Datasheet HTML 34Page - Analog Devices AD9577 Datasheet HTML 35Page - Analog Devices AD9577 Datasheet HTML 36Page - Analog Devices AD9577 Datasheet HTML 37Page - Analog Devices AD9577 Datasheet HTML 38Page - Analog Devices AD9577 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
Data Sheet
AD9577
Rev. A | Page 35 of 44
MARGINING
By asserting the MARGIN pin, a second full frequency map can
be applied to the output ports. The values for the Na, V0, D0,
V1, and D1 parameters, and the Nb, FRAC, MOD, V2, D2, V3,
D3 parameters must be programmed over the I2C, although default
values exist. There are some limitations: the output buffer signal
formats cannot be changed, and the PLL2 fractional-N settings,
such as power-down of the SDM, and bleed settings cannot be
changed. The margining feature can be used to set higher than
nominal frequencies on each of the ports to test system robustness.
When the MARGIN pin signal level is changed, a new frequency
acquisition is performed.
SPREAD SPECTRUM CLOCK GENERATION (SSCG)
By asserting the SSCG (spread spectrum clock generator) pin,
PLL2 operates in spread spectrum mode, and the output
frequency modulates with a triangular profile. As the clock
signal energy spreads out over a range of frequencies, it reduces
the peak power at any one frequency when observed with a
spectrum analyzer through a resolution bandwidth filter. This
result improves the radiated emissions from the part and from
the devices that receive its clock.
The triangular-wave modulation is implemented by controlling
the divide ratio of the feedback divider. This is achieved by
ramping the fractional word to the SDM. Figure 43 shows an
example implementation. The PFD frequency, fPFD, is 25 MHz.
The starting VCO frequency, fVCO, is 25 MHz × (99 + 3072/4096),
giving 2.49375 GHz. By continuously ramping the FRAC word
down and up, this frequency is periodically reduced to 25 MHz ×
(99 + 1029/4096) = 2.481281 GHz. This results in a triangular
frequency modulation profile, with a peak downspread (that is,
peak percentage frequency reduction) of −0.5%. By controlling
the step size, number of steps, and the step rate, the modulation
frequency is adjusted.
fPFD
fPFD
VCO
2.15GHz
TO
2.55GHz
DIVIDE BY
80 TO 131
FEEDBACK
DIVIDER
NB
SDM
3-BIT
0
1
FRAC
FRAC_TRIWAVE
SSCG
MOD
CKDIV
FRAC
FRACSTEP
NUMSTEPS
SSCG
TRIWAVE
GENERATOR
FRAC_TRIWAVE
fVCO
fVCO – 0.5%
TIME
VCO
FREQUENCY
TIME
FRAC_TRIWAVE = 3072
FRAC_TRIWAVE = 1029
Figure 43. Spread Spectrum Clock Generator with Triangular Wave
Modulation, fPFD = 25 MHz
Basic Spread Spectrum Programming
The SSCG is highly programmable; however, most applications
require that the frequency modulation rate be between 30 kHz
and 33 kHz and that the peak frequency deviation be −0.5%
downspread. The AD9577 supports downspread only, with a
maximum deviation of −0.5%.
The key parameters (which are not themselves registers) that
define the frequency modulation profile include the following:
•
fMOD, which is the frequency of the modulation waveform.
•
FracRange, which determines the peak frequency deviation
by setting the maximum change in the FRAC value from
the nominal.
The following equations determine the value of these parameters:
FracRange = FracStep × NumSteps
(12)
CkDiv
NumSteps
f
f
PFD
MOD
×
×
=
2
(13)
where the following are programmable registers:
•
NumSteps is the number of fractional word steps in half the
triwave period.
•
FracStep is the value of the fractional word increment/
decrement, while traversing the tri-wave.
•
CkDiv is the integer value by which the reference clock
frequency is divided to determine the update rate of the
triangular-wave generator, that is, the step update rate.
•
fPFD is the PFD frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com