Electronic Components Datasheet Search
  English  ▼

X  

AD9577BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9577BCPZ
Description  Clock Generator with Dual PLLs, Spread Spectrum, and Margining
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9577BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9577BCPZ Datasheet HTML 6Page - Analog Devices AD9577BCPZ Datasheet HTML 7Page - Analog Devices AD9577BCPZ Datasheet HTML 8Page - Analog Devices AD9577BCPZ Datasheet HTML 9Page - Analog Devices AD9577BCPZ Datasheet HTML 10Page - Analog Devices AD9577BCPZ Datasheet HTML 11Page - Analog Devices AD9577BCPZ Datasheet HTML 12Page - Analog Devices AD9577BCPZ Datasheet HTML 13Page - Analog Devices AD9577BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
AD9577
Data Sheet
Rev. A | Page 10 of 44
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments2
CMOS INTEGRATED RANDOM PHASE JITTER
19.44 MHz crystal used, 50 Ω load
RMS Jitter (155.52 MHz Output)
470
700
fs rms
12 kHz to 20 MHz, integer-N operation,
Nb = 112, Vx = 2, Dx = 7
RMS Jitter (38.88 MHz Output)
430
650
fs rms
12 kHz to 5 MHz, integer-N operation,
Nb = 112, Vx = 2, Dx = 28
LVPECL PERIOD AND CYCLE-TO-CYCLE JITTER (100 MHz OUTPUT)
25 MHz crystal used, integer-N
operation, Nb = 96, Vx = 4, Dx = 6
Output Peak-to-Peak Period Jitter
13
ps p-p
10,000 cycles, average of 25 measurements
Output RMS Period Jitter
2
ps rms
10,000 cycles, average of 25 measurements
Output Peak-to-Peak, Cycle-to-Cycle Jitter
19
ps p-p
1,000 cycles, average of 25 measurements
Output RMS Cycle-to-Cycle Jitter
3
ps rms
1,000 cycles, average of 25 measurements
LVDS PERIOD AND CYCLE-TO-CYCLE JITTER (100 MHz OUTPUT)
25 MHz crystal used, integer-N
operation, Nb = 96, Vx = 4, Dx = 6
Output Peak-to-Peak Period Jitter
17
ps p-p
10,000 cycles, average of 25 measurements
Output RMS Period Jitter
2
ps rms
10,000 cycles, average of 25 measurements
Output Peak-to-Peak, Cycle-to-Cycle Jitter
26
ps p-p
1,000 cycles, average of 25 measurements
Output RMS Cycle-to-Cycle Jitter
4
ps rms
1,000 cycles, average of 25 measurements
CMOS PERIOD AND CYCLE-TO-CYCLE JITTER (100 MHz OUTPUT)
25 MHz crystal used, 50 Ω load, integer-N
operation, Nb = 96, Vx = 4, Dx = 6
Output Peak-to-Peak Period Jitter
25
ps p-p
10,000 cycles, average of 25 measurements
Output RMS Period Jitter
3
ps rms
10,000 cycles, average of 25 measurements
Output Peak-to-Peak, Cycle-to-Cycle
36
ps p-p
1,000 cycles, average of 25 measurements
Output RMS Cycle-to-Cycle Jitter
6
ps rms
1,000 cycles, average of 25 measurements
LVPECL PERIOD AND CYCLE-TO-CYCLE JITTER (100 MHz OUTPUT)
25 MHz crystal used, SSCG on, Nb = 100,
FRAC = 0, MOD = 1000, Vx = 5, Dx = 5,
CkDiv = 7, NumSteps = 59, FracStep = −8,
fOUT = 100 MHz with −0.5% downspread
at 30.2 kHz
Output Peak-to-Peak Period Jitter
60
ps p-p
10,000 cycles, average of 25 measurements
Output RMS Period Jitter
15
ps rms
10,000 cycles, average of 25 measurements
Output Peak-to-Peak, Cycle-to-Cycle Jitter
20
ps p-p
1,000 cycles, average of 25 measurements
Output RMS Cycle-to-Cycle Jitter
3
ps rms
1,000 cycles, average of 25 measurements
LVDS PERIOD AND CYCLE-TO-CYCLE JITTER (100 MHz OUTPUT)
25 MHz crystal used, SSCG on, Nb = 100,
FRAC = 0, MOD = 1000, Vx = 5, Dx = 5,
CkDiv = 7, NumSteps = 59, FracStep = −8,
fOUT = 100 MHz with −0.5% downspread
at 30.2 kHz
Output Peak-to-Peak Period Jitter
63
ps p-p
10,000 cycles, average of 25 measurements
Output RMS Period Jitter
15
ps rms
10,000 cycles, average of 25 measurements
Output Peak-to-Peak, Cycle-to-Cycle Jitter
25
ps p-p
1,000 cycles, average of 25 measurements
Output RMS Cycle-to-Cycle Jitter
4
ps rms
1,000 cycles, average of 25 measurements
CMOS PERIOD AND CYCLE-TO-CYCLE JITTER (100 MHz OUTPUT)
25 MHz crystal used, SSCG on, 50 Ω load,
Nb = 100, FRAC = 0, MOD = 1000, Vx = 5,
Dx = 5, CkDiv = 7, NumSteps = 59,
FracStep = −8, fOUT = 100 MHz with
−0.5% downspread at 30.2 kHz
Output Peak-to-Peak Period Jitter
70
ps p-p
10,000 cycles, average of 25 measurements
Output RMS Period Jitter
15
ps rms
10,000 cycles, average of 25 measurements
Output Peak-to-Peak, Cycle-to-Cycle Jitter
36
ps p-p
1,000 cycles, average of 25 measurements
Output RMS Cycle-Cycle Jitter
6
ps rms
1,000 cycles, average of 25 measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com