Electronic Components Datasheet Search
  English  ▼

X  

AD9577BCPZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9577BCPZ
Description  Clock Generator with Dual PLLs, Spread Spectrum, and Margining
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9577BCPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9577BCPZ Datasheet HTML 16Page - Analog Devices AD9577BCPZ Datasheet HTML 17Page - Analog Devices AD9577BCPZ Datasheet HTML 18Page - Analog Devices AD9577BCPZ Datasheet HTML 19Page - Analog Devices AD9577BCPZ Datasheet HTML 20Page - Analog Devices AD9577BCPZ Datasheet HTML 21Page - Analog Devices AD9577BCPZ Datasheet HTML 22Page - Analog Devices AD9577BCPZ Datasheet HTML 23Page - Analog Devices AD9577BCPZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
AD9577
Data Sheet
Rev. A | Page 20 of 44
PLL2 PHASE NOISE PERFORMANCE
–110
–160
–150
–140
–130
–120
1k
10k
100k
1M
100M
10M
FREQUENCY (Hz)
Figure 12. Phase Noise, PLL2, OUT2 LVPECL, 100 MHz, Integer-N Mode
(fXTAL = 25 MHz, Nb = 100, V2 = 5, D2 = 5)
–100
–160
–150
–140
–130
–120
–110
1k
10k
100k
1M
100M
10M
FREQUENCY (Hz)
Figure 13. Phase Noise, PLL2, OUT2 LVPECL, 156.25 MHz, Integer-N Mode
(fXTAL = 25 MHz, Nb = 100, V2 = 4, D2 = 4)
–100
–160
–150
–140
–130
–120
–110
1k
10k
100k
1M
100M
10M
FREQUENCY (Hz)
Figure 14. Phase Noise, PLL2, OUT2 LVPECL, 155.52 MHz, Fractional-N Mode
(fXTAL = 25 MHz, Nb = 99, FRAC = 333, MOD = 625, V2 = 2, D2 = 8), Spurs
Disabled
–110
–160
–150
–140
–130
–120
1k
10k
100k
1M
100M
10M
FREQUENCY (Hz)
Figure 15. Phase Noise, PLL2, OUT2 LVPECL, 106.25 MHz, Integer-N Mode
(fXTAL = 25 MHz, Nb = 102, V2 = 4, D2 = 6)
–90
–100
–160
–150
–140
–130
–120
–110
1k
10k
100k
1M
100M
10M
FREQUENCY (Hz)
Figure 16. Phase Noise, PLL2, OUT2 LVPECL, 625 MHz, Integer-N Mode
(fXTAL = 25 MHz, Nb = 100, V2 = 2, D2 = 2)
–90
–100
–160
–150
–140
–130
–120
–110
1k
10k
100k
1M
100M
10M
FREQUENCY (Hz)
Figure 17. Phase Noise, PLL2, OUT2 LVPECL, 622.08 MHz, Fractional-N Mode
(fXTAL = 25 MHz, Nb = 99, FRAC = 333, MOD = 625, V2 = 2, D2 = 2), Spurs
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com