Electronic Components Datasheet Search
  English  ▼

X  

2SC1215 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # 2SC1215
Description  Silicon NPN epitaxial planer type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC1215 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  2SC1215 Datasheet HTML 1Page - Panasonic Semiconductor 2SC1215 Datasheet HTML 2Page - Panasonic Semiconductor 2SC1215 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Transistor
2SC1215
Zrb — IE
PG — IE
NF — IE
bib — gib
brb — grb
bfb — gfb
bob — gob
– 0.1
– 0.3
–1
–3
–10
0
120
100
80
60
40
20
f=2MHz
Ta=25˚C
V
CE=6V
10V
Emitter current I
E
(mA)
– 0.1
–1
–10
–100
– 0.3
–3
–30
0
40
30
10
25
35
20
5
15
f=100MHz
R
g=50Ω
Ta=25˚C
V
CE=10V
6V
Emitter current I
E
(mA)
– 0.1
–1
–10
–100
– 0.3
–3
–30
0
12
10
8
6
4
2
V
CE=10V
f=100MHz
R
g=50kΩ
Ta=25˚C
Emitter current I
E
(mA)
050
40
10
30
20
–60
0
–10
–20
–30
–40
–50
y
rb=grb+jbrb
V
CB=10V
f=900MHz
I
E=–2mA
–5mA
300
500
600
200
Input conductance g
ib
(mS)
–1.0
0
– 0.2
– 0.8
– 0.4
– 0.6
–2.4
0
– 0.4
– 0.8
–1.2
–1.6
–2.0
y
rb=grb+jbrb
V
CB=10V
f=900MHz
I
E=–5mA
–2mA
300
500
600
200
Reverse transfer conductance g
rb
(mS)
–60
40
20
–40
0
–20
0
48
40
32
24
16
8
y
fb=gfb+jbfb
V
CB=10V
f=200MHz
I
E=–5mA
–2mA
300
500
600
900
Forward transfer conductance g
fb
(mS)
02.0
1.6
0.4
1.2
0.8
0
12
10
8
6
4
2
y
ob=gob+jbob
V
CE=10V
f=200MHz
I
E=–2mA
–5mA
300
500
600
900
Output conductance g
ob
(mS)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com