Electronic Components Datasheet Search
  English  ▼

X  

2SC1215 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC1215
Description  Silicon NPN epitaxial planer type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC1215 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC1215 Datasheet HTML 1Page - Panasonic Semiconductor 2SC1215 Datasheet HTML 2Page - Panasonic Semiconductor 2SC1215 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transistor
2SC1215
Silicon NPN epitaxial planer type
For high-frequency (VHF band) amplification and oscillation
s Features
q
High transition frequency fT.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
3:Base
JEDEC:TO–92
EIAJ:SC–43A
5.0
±0.2
4.0
±0.2
0.45
+0.2
–0.1
0.45
+0.2
–0.1
1.27
1.27
2.54
±0.15
2
13
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Ratings
30
20
3
50
400
150
–55 ~ +150
Unit
V
V
V
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector to base voltage
Emitter to base voltage
Forward current transfer ratio
Base to emitter voltage
Collector to emitter saturation voltage
Common emitter reverse transfer capacitance
Transition frequency
Power gain
Base time constant
Symbol
VCBO
VEBO
hFE
VBE
VCE(sat)
Cre
fT
*
PG
rbb' · CC
Conditions
IC =100µA, IE = 0
IE = 10µA, IC = 0
VCB = 10V, IE = –2mA
VCB = 10V, IE = –2mA
IC = 10mA, IB = 1mA
VCE = 10V, IC = 1mA, f = 10.7MHz
VCB = 10V, IE = –15mA, f = 100MHz
VCB = 10V, IE = –1mA, f = 100MHz
VCB = 10V, IE = –10mA, f = 450kHz
min
30
3
25
600
typ
0.72
0.1
1
1200
20
max
1.5
1600
25
Unit
V
V
V
V
pF
MHz
dB
ps
*f
T Rank classification
Rank
T
S
fT(MHz)
600 ~ 1300
900 ~ 1600


Similar Part No. - 2SC1215

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC1211 ETC1-2SC1211 Datasheet
192Kb / 3P
TRANSISTOR
logo
Hitachi Semiconductor
2SC1212 HITACHI-2SC1212 Datasheet
29Kb / 5P
Silicon NPN Epitaxial
logo
Savantic, Inc.
2SC1212 SAVANTIC-2SC1212 Datasheet
104Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC1212 JMNIC-2SC1212 Datasheet
185Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC1212 ISC-2SC1212 Datasheet
159Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC1215

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1980 PANASONIC-2SC1980 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC4656 PANASONIC-2SC4656 Datasheet
35Kb / 2P
Silicon NPN epitaxial planer type
2SD1820A PANASONIC-2SD1820A Datasheet
60Kb / 2P
Silicon NPN epitaxial planer type
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SD874 PANASONIC-2SD874 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type
UN921MJ PANASONIC-UN921MJ Datasheet
315Kb / 18P
Silicon NPN epitaxial planer type
logo
Guangdong Kexin Industr...
BF620 KEXIN-BF620 Datasheet
52Kb / 2P
Silicon NPN epitaxial planer type
2SD2459 KEXIN-2SD2459 Datasheet
51Kb / 2P
Silicon NPN epitaxial planer type
2SD601A KEXIN-2SD601A Datasheet
38Kb / 1P
Silicon NPN Epitaxial Planer Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com