Electronic Components Datasheet Search
  English  ▼

X  

2SC1505 Datasheet(PDF) 4 Page - NEC

Part # 2SC1505
Description  Silicon Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC1505 Datasheet(HTML) 4 Page - NEC

  2SC1505 Datasheet HTML 1Page - NEC 2SC1505 Datasheet HTML 2Page - NEC 2SC1505 Datasheet HTML 3Page - NEC 2SC1505 Datasheet HTML 4Page - NEC 2SC1505 Datasheet HTML 5Page - NEC 2SC1505 Datasheet HTML 6Page - NEC 2SC1505 Datasheet HTML 7Page - NEC 2SC1505 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC1505
データ・シート D14860JJ3V0DS00
4
COLLECTOR AND BASE SATURATION
コレクタ電流 IC (mA)
0.1
0.01
1
1
10
10
1000
100
IC = 10
・IB
パルス測定
VOLTAGE vs. COLLECTOR CURRENT
VBE(sat)
VCE(sat)
OUTPUT CAPACITANCE vs. COLLECTOR
TO BASE VOLTAGE
コレクタ - ベース間電圧 VCB (V)
1
0.1
1
10
100
10
1000
100
IE = 0 A
f = 1.0 MHz
GAIN BANDWIDTH PRODUCT vs. EMITTER
CURRENT
エミッタ電流 IE (mA)
0
100
20
40
60
80
120
140
160
−5
−10
−100
−200
VCE = 30 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com