Electronic Components Datasheet Search
  English  ▼

X  

2792002 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2792002
Description  Electronic housing, for PCB insertion, fully equipped with 3 screw or 6 tab connections per side
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2792002 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2792002 Datasheet HTML 1Page - PHOENIX CONTACT 2792002 Datasheet HTML 2Page - PHOENIX CONTACT 2792002 Datasheet HTML 3Page - PHOENIX CONTACT 2792002 Datasheet HTML 4Page - PHOENIX CONTACT 2792002 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/2792002
29.01.2013   Page 1 / 5
Electronic housing - UEGM 22,5 - 2792002
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Electronic housing, for PCB insertion, fully equipped with 3 screw or 6 tab connections per side
Why buy this product
 Cost-effective series production, since the base element and the assembled PCB are soldered by machine
 Complex electronic circuits can be integrated, with up to 24 connections on two levels
 Efficient assembly thanks to overlapping housing parts
 Can be snapped onto standard NS 35/7,5 and NS 35/15 DIN rails
 
Key commercial data
Packing unit
1
Minimum order quantity
10
Catalog page
Page 586 (CC-2011)
GTIN
Custom tariff number
85369010
Country of origin
GERMANY
Technical data
General
Housing type
Complete housing
Housing material
Polyamide (PA 6.6)
Color
green
Dimensions / positions
Length
79 mm
Constructional height
85.5 mm
Width
22.5 mm
Number of positions
6
Pitch
5 mm
Technical data
Ambient temperature (operation)
-40 °C ... 105 °C


Similar Part No. - 2792002

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2792015 PHOENIX-2792015 Datasheet
127Kb / 5P
Electronic housing, for PCB insertion, fully equipped with 3 screw or 6 tab connections per side
2792028 PHOENIX-2792028 Datasheet
130Kb / 5P
Cost-effective series production, since the base element and the assembled PCB are soldered by machine
2792073 PHOENIX-2792073 Datasheet
117Kb / 4P
Electronic housing, for PCB insertion, fully equipped with 3 screw or 6 tab connections per side
2792086 PHOENIX-2792086 Datasheet
118Kb / 4P
Electronic housing, for PCB insertion, fully equipped with 3 screw or 6 tab connections per side
2792099 PHOENIX-2792099 Datasheet
120Kb / 4P
Electronic housing, 40 mm wide, fully equipped with 12 slip-on connections per side for two printed circuit boards
More results

Similar Description - 2792002

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2709451 PHOENIX-2709451 Datasheet
73Kb / 3P
Electronic housing, for PCB insertion, fully equipped with 3 screw or 6 tab connections per side
2790211 PHOENIX-2790211 Datasheet
103Kb / 4P
Electronic housing, for PCB insertion, fully equipped with 4 screw or tab connections per side
2790266 PHOENIX-2790266 Datasheet
98Kb / 4P
Electronic housing, for PCB insertion, fully equipped with 4 screw or tab connections per side
2790871 PHOENIX-2790871 Datasheet
112Kb / 4P
Electronic housing, for PCB insertion, fully equipped with 4 screw or tab connections per side
2790884 PHOENIX-2790884 Datasheet
99Kb / 4P
Electronic housing, for PCB insertion, fully equipped with 4 screw or tab connections per side
2792015 PHOENIX-2792015 Datasheet
127Kb / 5P
Electronic housing, for PCB insertion, fully equipped with 3 screw or 6 tab connections per side
2792073 PHOENIX-2792073 Datasheet
117Kb / 4P
Electronic housing, for PCB insertion, fully equipped with 3 screw or 6 tab connections per side
2792086 PHOENIX-2792086 Datasheet
118Kb / 4P
Electronic housing, for PCB insertion, fully equipped with 3 screw or 6 tab connections per side
2792112 PHOENIX-2792112 Datasheet
177Kb / 6P
Electronic housing, for PCB insertion, fully equipped with 3 screw or 6 tab connections per side
2792125 PHOENIX-2792125 Datasheet
120Kb / 4P
Electronic housing, for PCB insertion, fully equipped with 3 screw or 6 tab connections per side
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com