Electronic Components Datasheet Search
  English  ▼

X  

2792002 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2792002
Description  Electronic housing, for PCB insertion, fully equipped with 3 screw or 6 tab connections per side
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2792002 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2792002 Datasheet HTML 1Page - PHOENIX CONTACT 2792002 Datasheet HTML 2Page - PHOENIX CONTACT 2792002 Datasheet HTML 3Page - PHOENIX CONTACT 2792002 Datasheet HTML 4Page - PHOENIX CONTACT 2792002 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/2792002
29.01.2013   Page 2 / 5
Electronic housing - UEGM 22,5 - 2792002
Technical data
Technical data
Connection in acc. with standard
CUL
Nominal voltage UN
300 V
Nominal current IN
10 A
AWG/kcmil
30-12
Indicator1
CUL1
Inflammability class according to UL 94
V0
Power dissipation at 20°C in the horizontal mounting position
4 W 10 W
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
Stripping length
8 mm
Classifications
ETIM
ETIM 2.0
EC001031
ETIM 3.0
EC001031
ETIM 4.0
EC001031
ETIM 5.0
EC001031
UNSPSC
UNSPSC 11
31261501
UNSPSC 12.01
31261501
UNSPSC 13.2
31261501
UNSPSC 6.01
31261501
UNSPSC 7.0901
31261501
eCl@ss
eCl@ss 4.0
27180401
eCl@ss 4.1
27180401
eCl@ss 5.0
27180506
eCl@ss 5.1
27180506
eCl@ss 6.0
27180802
eCl@ss 7.0
27182702
Approvals
Approvals



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com