Electronic Components Datasheet Search
  English  ▼

X  

RU1HP60S-R Datasheet(PDF) 5 Page - Ruichips Semiconductor Co., Ltd

Part # RU1HP60S-R
Description  P-Channel Advanced Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUICHIPS [Ruichips Semiconductor Co., Ltd]
Direct Link  http://www.ruichips.com
Logo RUICHIPS - Ruichips Semiconductor Co., Ltd

RU1HP60S-R Datasheet(HTML) 5 Page - Ruichips Semiconductor Co., Ltd

  RU1HP60S-R Datasheet HTML 1Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 2Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 3Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 4Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 5Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 6Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 7Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 8Page - Ruichips Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RU1HP60S
Ti
l Ch
t i ti
Typical Characteristics
60
80
100
Output Characteristics
-6V
-10V
-8V
60
80
100
Drain-Source On Resistance
0
20
40
0
1
2
3
4
5
-3V
-5V
0
20
40
0
30
60
90
120
-10V
0
1
2
3
4
5
-VDS - Drain-Source Voltage (V)
0
30
60
90
120
-ID - Drain Current (A)
2.0
2.5
Drain-Source On Resistance
VGS=-10V
ID=-60A
10
100
Source-Drain Diode Forward
TJ=175°C
0.5
1.0
1.5
TJ=25°C
Rds(on)=18mΩ
0.1
1
10
TJ=25°C
0.0
-50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (°C)
()
0.1
0.3
0.6
0.9
1.2
1.5
1.8
-VSD - Source-Drain Voltage (V)
6000
Capacitance
Frequency=1 0MHz
9
10
Gate Charge
VDS=-80V
1500
3000
4500
Ciss
Coss
Frequency=1.0MHz
3
4
5
6
7
8
9
VDS 80V
IDS=-60A
0
1500
1
10
100
-VDS - Drain-Source Voltage (V)
Coss
Crss
0
1
2
3
0
50
100
150
200
QG - Gate Charge (nC)
Ruichips Semiconductor Co., Ltd
Rev. B– AUG., 2014
5
www.ruichips.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com