Electronic Components Datasheet Search
  English  ▼

X  

2907428 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2907428
Description  Housing set upper part, complete with COMBICON headers and screw plugs for full equipping.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2907428 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2907428 Datasheet HTML 1Page - PHOENIX CONTACT 2907428 Datasheet HTML 2Page - PHOENIX CONTACT 2907428 Datasheet HTML 3Page - PHOENIX CONTACT 2907428 Datasheet HTML 4Page - PHOENIX CONTACT 2907428 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/2907428
05.11.2013   Page 1 / 5
Electronic housing - ME 12,5 OT-MSTBO SET - 2907428
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Housing set upper part, complete with COMBICON headers and screw plugs for full equipping.
Illustration shows a fully mounted
version of the electronic housing
Product Features
 Tool-free mounting
 Large assembly area
 Low design width with a high number of positions
 Recessed labeling areas
 Same PCB geometry for all design widths
 Fast mounting on DIN rails according to EN 60715
 Inflammability class V0 according to UL 94
 Material and part identification embossed on the housing (recyclability)
 Cost savings thanks to easy device production
 Electronic components can be partially removed
 Optional BUS connection integrated in the housing, for either parallel or serial contacting
 Metal foot catch
 Functional earth ground contact (EMC) integrated in the housing base
 
Key commercial data
Packing unit
1 1
GTIN
Weight per Piece (excluding packing)
27.5 GRM
Custom tariff number
85369010
Country of origin
Germany


Similar Part No. - 2907428

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2907426 PHOENIX-2907426 Datasheet
54Kb / 2P
Fuse set - FUSE/NANO/10A/F-10PCS
09/12/2020
More results

Similar Description - 2907428

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2707738 PHOENIX-2707738 Datasheet
52Kb / 3P
Upper part of housing, double-level, for COMBICON connection, housing width: 35 mm
2735962 PHOENIX-2735962 Datasheet
58Kb / 3P
Upper part of housing, for COMBICON connection, three-level
2853734 PHOENIX-2853734 Datasheet
61Kb / 4P
Housing upper part, complete with PCB termination blocks for full equipping. 16-pos., housing width: 22.5 mm
2853747 PHOENIX-2853747 Datasheet
81Kb / 7P
Upper part of housing, for COMBICON connection, double-level
2906814 PHOENIX-2906814 Datasheet
55Kb / 3P
Upper part of housing, for COMBICON connection, double-level.
2907169 PHOENIX-2907169 Datasheet
85Kb / 6P
Upper part of housing, for COMBICON connection, double-level
2907444 PHOENIX-2907444 Datasheet
72Kb / 4P
Housing upper part, complete with 4 pairs of COMBICON headers and plugs
2907460 PHOENIX-2907460 Datasheet
68Kb / 4P
Housing upper part, complete with PCB termination blocks for full equipping. 12-pos., housing width: 17.5 mm
2909743 PHOENIX-2909743 Datasheet
116Kb / 9P
Upper part of housing, double-level, for COMBICON connection, housing width: 45 mm
2914880 PHOENIX-2914880 Datasheet
57Kb / 3P
Upper part of housing, for COMBICON connection, three-level
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com